データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3055H データシート(PDF) 3 Page - ON Semiconductor

部品番号 2N3055H
部品情報  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3055H データシート(HTML) 3 Page - ON Semiconductor

  2N3055H Datasheet HTML 1Page - ON Semiconductor 2N3055H Datasheet HTML 2Page - ON Semiconductor 2N3055H Datasheet HTML 3Page - ON Semiconductor 2N3055H Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N3055, MJ2955
http://onsemi.com
3
500
0.1
Figure 3. DC Current Gain, 2N3055 (NPN)
IC, COLLECTOR CURRENT (AMP)
5.0
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0
10
100
50
30
20
200
70
TJ = 150°C
25°C
−55 °C
VCE = 4.0 V
200
0.1
IC, COLLECTOR CURRENT (AMP)
10
0.2
0.3
0.5 0.7 1.0
2.0 3.0
5.0
10
70
30
20
100
50
TJ = 150°C
25°C
−55 °C
VCE = 4.0 V
7.0
10
300
7.0
7.0
Figure 4. DC Current Gain, MJ2955 (PNP)
2.0
5.0
IB, BASE CURRENT (mA)
0
10
20
50
100
200
500
1000 2000
5000
1.6
1.2
0.8
0.4
IC = 1.0 A
TJ = 25°C
4.0 A
8.0 A
2.0
IB, BASE CURRENT (mA)
0
1.6
1.2
0.8
0.4
1.4
0.1
IC, COLLECTOR CURRENT (AMPERES)
0.2 0.3
0.5 0.7 1.0
2.0
3.0
5.0
10
1.0
0.6
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 5. Collector Saturation Region,
2N3055 (NPN)
1.2
0.8
7.0
VBE @ VCE = 4.0 V
2.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
1.2
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
1.6
0.8
VBE @ VCE = 4.0 V
5.0
10
20
50
100
200
500
1000 2000
5000
IC = 1.0 A
TJ = 25°C
4.0 A
8.0 A
Figure 6. Collector Saturation Region,
MJ2955 (PNP)
Figure 7. “On” Voltages, 2N3055 (NPN)
Figure 8. “On” Voltages, MJ2955 (PNP)


同様の部品番号 - 2N3055H

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2N3055H ISC-2N3055H Datasheet
152Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2N3055H NJSEMI-2N3055H Datasheet
84Kb / 1P
   SILICON N-P-N GENERAL - PURPOSE
logo
List of Unclassifed Man...
2N3055HV ETC1-2N3055HV Datasheet
40Kb / 1P
   TO-3 Power Package Transistors (NPN)
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
Continental Device Indi...
2N3055HV CDIL-2N3055HV Datasheet
246Kb / 4P
   NPN POWER TRANSISTOR
More results

同様の説明 - 2N3055H

メーカー部品番号データシート部品情報
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com