データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL17 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100EL17
部品情報  Low-Voltage Quad Differential Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL17 データシート(HTML) 1 Page - ON Semiconductor

  MC100EL17 Datasheet HTML 1Page - ON Semiconductor MC100EL17 Datasheet HTML 2Page - ON Semiconductor MC100EL17 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 2
© Motorola, Inc. 1996
4/95
LowVoltage Quad
Differential Receiver
The MC100LVEL17 is a low-voltage, quad differential receiver. The
device is functionally equivalent to the E116 device with the capability of
operation from either a –3.3V or +3.3V supply voltage. The MC100EL17
is pin and functionally equivalent to the MC100LVEL17, but is specified
for operation at the standard 100E ECL voltage supply.
The LVEL17 provides a VBB output for either single-ended use or as a
DC bias for AC coupling to the device. The VBB pin should be used only
as a bias for the LVEL17 as its current sink/source capability is limited.
Whenever used, the VBB pin should be bypassed to ground via a 0.01µf
capacitor.
Under open input conditions, the D input will be biased at VCC/2 and
the D input will be pulled down to VEE. This operation will force the Q
output LOW and ensure stability.
325ps Propagation Delay
High Bandwidth Output Transitions
>2000V ESD Protection
Operates from –3.3/–4.5V (or +3.3/+5.0V) Supply
D1
Logic Diagram and Pinout: 20-Lead SOIC (Top View)
D1
D2
D3
17
18
16
15
14
13
12
4
3
5
6
7
8
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
D0
19
20
2
1
VCC
Q0
D0
D2
VCC
D3
VBB
MC100LVEL17
DC CHARACTERISTICS (VEE = –3.0V to –3.8V; VCC = GND) Note 1
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
31
26
31
26
31
27
33
mA
VBB
Output Reference Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
IIH
Input HIGH Current
150
150
150
150
µA
IINL
Input LOW Current
Dn
Dn
0.5
–300
0.5
–300
0.5
–300
0.5
–300
µA
1. All other DC characteristics are the same as Standard 100K ECL.
MC100LVEL17
MC100EL17
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D-04
1
20
PIN NAMES
Function
Data Inputs
Data Outputs
Reference Voltage Output
Pins
Dn
Qn
VBB


同様の部品番号 - MC100EL17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DW ONSEMI-MC100EL17DW Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWG ONSEMI-MC100EL17DWG Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWG ONSEMI-MC100EL17DWG Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EL17DWR2 ONSEMI-MC100EL17DWR2 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
More results

同様の説明 - MC100EL17

メーカー部品番号データシート部品情報
logo
Aeroflex Circuit Techno...
UT54LVDS032LV AEROFLEX-UT54LVDS032LV Datasheet
81Kb / 11P
   Low Voltage Quad Receiver
logo
National Semiconductor ...
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
   Quad Differential Line Receiver
DS26F32C NSC-DS26F32C Datasheet
140Kb / 6P
   Quad Differential Line Receiver
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com