データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD22NM20N データシート(PDF) 2 Page - STMicroelectronics

部品番号 STD22NM20N
部品情報  N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD22NM20N データシート(HTML) 2 Page - STMicroelectronics

  STD22NM20N Datasheet HTML 1Page - STMicroelectronics STD22NM20N Datasheet HTML 2Page - STMicroelectronics STD22NM20N Datasheet HTML 3Page - STMicroelectronics STD22NM20N Datasheet HTML 4Page - STMicroelectronics STD22NM20N Datasheet HTML 5Page - STMicroelectronics STD22NM20N Datasheet HTML 6Page - STMicroelectronics STD22NM20N Datasheet HTML 7Page - STMicroelectronics STD22NM20N Datasheet HTML 8Page - STMicroelectronics STD22NM20N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD22NM20N
2/10
Table 3: Absolute Maximum ratings
(*) ISD ≤ 22A, di/dt ≤ 400A/µs, VDD = 80% V(BR)DSS
Table 4: Thermal Data
(*) When mounted on 1 inch² FR-4 board, 2 oz Cu, t
≤ 10 sec
Table 5: Avalanche Characteristics
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
200
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°
Drain Current (continuous) at TC = 100°
22
13.7
A
A
IDM (*)
Drain Current (pulsed)
88
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.8
W/°C
dv/dt (2)
Peak Diode Recovery voltage slope
14
V/ns
Tj
Tstg
Storage Temperature
Max Operating Junction Temperature
150
-65 to 150
°C
°C
Rthj-case
Thermal Resistance Junction-case Max
1.25
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Rthj-ambTl
Thermal Resistance Junction-pcb (*)
Maximum Lead Temperature For Soldering Purpose
43
275
°C/W
°C
Symbol
Parameter
Max Value
Unit
IAS
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
22
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = 22 A, VDD = 50 V)
380
mJ


同様の部品番号 - STD22NM20N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20N STMICROELECTRONICS-STD22NM20N_05 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
More results

同様の説明 - STD22NM20N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N_05 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STD20N20 STMICROELECTRONICS-STD20N20 Datasheet
405Kb / 13P
   N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
319Kb / 11P
   N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STP30NM30N STMICROELECTRONICS-STP30NM30N Datasheet
290Kb / 12P
   N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
   N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10