データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25E64EB1TR データシート(PDF) 4 Page - STMicroelectronics

部品番号 ST25E64EB1TR
部品情報  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25E64EB1TR データシート(HTML) 4 Page - STMicroelectronics

  ST25E64EB1TR Datasheet HTML 1Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 2Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 3Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 4Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 5Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 6Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 7Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 8Page - STMicroelectronics ST25E64EB1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DEVICE OPERATION
I2C Bus Background
The ST24/25E64 support the extended addressing
I2C protocol. This protocol defines any device that
sends data onto the bus as a transmitter and any
device that reads the data as a receiver. The device
that controls the data transfer is known as the
master and the other as the slave. The master will
always initiate a data transfer and will provide the
serial clock for synchronisation. The ST24/25E64
are always slave devices in all communications.
Start Condition. START is identified by a high to
low transition of the SDA line while the clock SCL
is stable in the high state. A START condition must
precede any command for data transfer. Except
during a programming cycle, the ST24/25E64 con-
tinuously monitor the SDA and SCL signals for a
START condition and will not respond unless one
is given.
Stop Condition. STOPis identified by a low to high
transition of the SDA line while the clock SCL is
stable in the high state. A STOP condition termi-
nates communication between the ST24/25E64
and the bus master. A STOP condition at the end
of a Read command forces the standby state. A
STOP condition at the end of a Write command
triggers the internal EEPROM write cycle.
Acknowledge Bit (ACK). An acknowledge signal
is used to indicate a successful data transfer. The
bus transmitter, either master or slave, will release
the SDA bus after sending 8 bits of data. During the
9th clock pulse the receiver pulls the SDA bus low
to acknowledge the receipt of the 8 bits of data.
Data Input. During data input the ST24/25E64
sample the SDA bus signal on the rising edge of
the clock SCL. For correct device operation the
SDA signal must be stable during the clock low to
high transition and the data must change ONLY
when the SCL line is low.
Device Selection. To start communication be-
tween the bus master and the slave ST24/25E64,
the master must initiate a START condition. The 8
bits sent after a START condition are made up of a
device select of 4 bits that identifies the device type,
3 Chip Enable bits and one bit for a READ (RW =
1) or WRITE (RW = 0) operation. There are two
modes both for read and write. These are summa-
rised in Table 4 and described hereafter. A commu-
nication between the master and the slave is ended
with a STOP condition.
AI01115
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
25
50
75
100
0
4
8
12
16
20
CBUS (pF)
VCC =5V
Figure 3. Maximum RL Value versus Bus Capacitance (CBUS) for an I2C Bus, fC = 400kHz
4/16
ST24E64, ST25E64


同様の部品番号 - ST25E64EB1TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST25E16 STMICROELECTRONICS-ST25E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST25E32 STMICROELECTRONICS-ST25E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B1TR STMICROELECTRONICS-ST25E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B3TR STMICROELECTRONICS-ST25E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B6TR STMICROELECTRONICS-ST25E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

同様の説明 - ST25E64EB1TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com