データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL32D データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100LVEL32D
部品情報  첨2 Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL32D データシート(HTML) 1 Page - ON Semiconductor

  MC100LVEL32D Datasheet HTML 1Page - ON Semiconductor MC100LVEL32D Datasheet HTML 2Page - ON Semiconductor MC100LVEL32D Datasheet HTML 3Page - ON Semiconductor MC100LVEL32D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 1
1
Publication Order Number:
MC100LVEL32/D
MC100LVEL32
÷2 Divider
The MC100LVEL32 is an integrated
÷2 divider. The differential
clock inputs and the VBB allow a differential, single-ended or AC
coupled interface to the device. If used, the VBB output should be
bypassed to ground with a 0.01
µF capacitor. Also note that the VBB is
designed to be used as an input bias on the LVEL32 only, the VBB
output has limited current sink and source capability.The LVEL32 is
functionally identical to the EL32, but operates from a low voltage
supply.
The reset pin is asynchronous and is asserted on the rising edge.
Upon power-up, the internal flip-flop will attain a random state; the
reset allows for the synchronization of multiple EL32’s in a system.
510ps Propagation Delay
3.0GHz Toggle Frequency
High Bandwidth Output Transitions
75kΩ Internal Input Pulldown Resistors
>1000V ESD Protection
4
3
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
1
2
5
6
7
8
Q
VEE
VCC
Q
CLK
VBB
R
÷2
Reset
CLK
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC100LVEL32D
SO–8
98 Units/Rail
MC100LVEL32DR2
SO–8
2500 Tape & Reel
PIN
FUNCTION
CLK
Clock Inputs
Reset
Asynch Reset
VBB
Ref Voltage Output
Q
Data Ouputs
PIN DESCRIPTION
SO–8
D SUFFIX
CASE 751
MARKING DIAGRAM
1
8
*For additional information, see Application Note
AND8002/D
ALYW
KVL32
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week


同様の部品番号 - MC100LVEL32D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL32DG ONSEMI-MC100LVEL32DG Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC100LVEL32DG ONSEMI-MC100LVEL32DG Datasheet
167Kb / 8P
   3.3 V ECL /2 Divider
July, 2016 ??Rev. 11
MC100LVEL32DR2 ONSEMI-MC100LVEL32DR2 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
More results

同様の説明 - MC100LVEL32D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC10EP32 ONSEMI-MC10EP32 Datasheet
89Kb / 8P
   첨2 Divider
December, 1999 ??Rev. 1
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com