データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

0201A104G250CT データシート(PDF) 14 Page - WALSIN TECHNOLOGY CORPORATION

部品番号. 0201A104G250CT
部品情報  High capacitance in given case size
ダウンロード  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo 

0201A104G250CT Datasheet(HTML) 14 Page - WALSIN TECHNOLOGY CORPORATION

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 14 of 22
ASC_General Purpose_001AE_AS
May. 2019
X6S:
Rated
vol.
D.F.
Exception of D.F.
100V ≦2.5%
3%
1206≧0.47
µF
5%
0603≧0.068
µF;0805>0.1µF;1206≧1µF;1210≧2.2µF;TT series
10%
0805>0.22µF;1210≧3.3
µF
50V
2.5%
3%
0201(50V); 0603≧0.047
µF; 0805≧0.18µF;1206≧0.47µF
5%
0201≧0.01uF; 1210≧4.7
µF
10%
0402≧0.012
µF;0603>0.1µF; 0805≧1µF;
1206≧2.2
µF;1210≧10µF; TT series
35V
3.5% ≦10%
0603≧1
µF;0805≥2.2µF;1206≧2.2µF;1210≧10µF
25V
3.5%
5%
0201≧0.01
µF;0805≧1µF;1210≧10µF
7%
0603≧0.33
µF
10%
0201≧0.1
µF;0402≧0.10µF;0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF;1210≧22µF; TT series
12.5% 0402≧0.47
µF
16V
3.5%
5%
0201≧0.01
µF;0402≧0.033µF;0603≧0.15µF;
0805≧0.68
µF;1206≧2.2µF;1210≧4.7µF
10%
0201≧0.1uF; 0402≧ 0.22uF;
0603>0.47
µF;0805≧2.2µF;1206≧4.7µF; 1210≧22µF; TT series
10V
5%
10%
0201≧0.012
µF;0402≧0.22µF; TT series
0603≧0.33
µF; 0805≧2.2µF;1206≧2.2µF;1210≧22µF:01R5/X5R
15%
0201≧0.1
µF; 0402≧1µF
6.3V
10%
15%
0201≧0.1
µF;0402/X6S≧0.47µF;0603≧10µF;
0805≧4.7
µF; 1206≧47µF :1210≧100µF; TT series
20%
0402≧2.2
µF
4V
15%
---
---
X7S:
Rated
vol.
D.F.
Exception of D.F.
100V ≦2.5%
3%
1206≧0.47
µF
5%
0603≧0.068
µF;0805>0.1µF;1206≧1µF;1210≧2.2µF;TT series
10%
0805>0.22µF;1210≧3.3
µF
50V
2.5%
3%
0201(50V); 0603≧0.047
µF; 0805≧0.18µF;1206≧0.47µF
5%
0201≧0.01uF; 1210≧4.7
µF
10%
0402≧0.012
µF;0603>0.1µF; 0805≧1µF;
1206≧2.2
µF;1210≧10µF; TT series
35V
3.5% ≦10%
0603≧1
µF;0805≥2.2µF;1206≧2.2µF;1210≧10µF
25V
3.5%
5%
0201≧0.01
µF;0805≧1µF;1210≧10µF
7%
0603≧0.33
µF
10%
0201≧0.1
µF;0402≧0.10µF;0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF;1210≧22µF; TT series
12.5% 0402≧0.47
µF
16V
3.5%
5%
0201≧0.01
µF;0402≧0.033µF;0603≧0.15µF;
0805≧0.68
µF;1206≧2.2µF;1210≧4.7µF
10%
0201≧0.1uF; 0402≧ 0.22uF;
0603>0.47
µF;0805≧2.2µF;1206≧4.7µF; 1210≧22µF; TT series
10V
5%
10%
0201≧0.012
µF;0402≧0.22µF; TT series
0603≧0.33
µF; 0805≧2.2µF;1206≧2.2µF;1210≧22µF:01R5/X5R
15%
0201≧0.1
µF; 0402≧1µF
6.3V
10%
15%
0201≧0.1
µF;0402≧1µF;0603≧10µF;
0805≧4.7
µF; 1206≧47µF :1210≧100µF; TT series
20%
0402≧2.2
µF
4V
15%
---
---
4. Dielectric
Strength
* To apply voltage (
≤100V) 250%.
* Duration: 1 to 5 sec.
* Charge and discharge current less than
50mA.
* No evidence of damage or flash over during test.


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn