データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

0201A104G250CT データシート(PDF) 17 Page - WALSIN TECHNOLOGY CORPORATION

部品番号. 0201A104G250CT
部品情報  High capacitance in given case size
ダウンロード  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo 

0201A104G250CT Datasheet(HTML) 17 Page - WALSIN TECHNOLOGY CORPORATION

Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 17 of 22
ASC_General Purpose_001AE_AS
May. 2019
No.
Item
Test Condition
Requirements
13. Humidity (Damp
Heat) Steady State
*Test temp.: 40±2°C
*Humidity: 90~95%RH
*Test time: 500+24/-0hrs.
*Before initial measurement (Class II
only): To apply de-aging at 150°C for
1hr then set for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to be
made after de-aging at 150°C for 1hr
then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: within ±5% or 0.5pF whichever is larger
X7R, X5R, X6S, X7S
: ≥10V**,within ±12.5%; 6.3V within ±25%;
TT series & C
≥ 1uF,within ±25%
**10V: 0603
4.7µF;0402 1µF;0201 0.1µF, within ±25%;
Y5V: ≥10V, within ±30%; 6.3V, within +30/-40%
* Q/D.F. value:
NP0: More than 30pF Q
≥350, 10pF≤C≤30pF, Q≥275+2.5C
Less than 10pF Q
≥200+10C
X7R, X5R, X6S, X7S:
Rated
vol.
D.F.
Exception of D.F.
100V
3%
6%
1206≧0.47
µF
7.5% 0603≧0.068
µF, 0805>0.1µF, 1206≧1µF;1210≧2.2µF;TT series
20% 0805>0.22µF;1210≧3.3
µF
50V
3%
6%
0201(50V);0603≧0.047
µF; 0805≧0.18µF; 1206≧0.47µF
10% 0201≧0.01uF;1210≧4.7
µF
20%
0402≧0.012
µF;0603>0.1µF; 0805≧1µF(0805/X7R>0.47µF);
1206≧2.2
µF;1210≧10µF; TT series
35V
5%
20% 0603≧1
µF;0805≥2.2µF;1206≧2.2µF;1210≧10µF
25V
5%
10% 0201≧0.01
µF;0805≧1µF;1210≧10µF
14% 0603≧0.33
µF
15%
0201≧0.1
µF;0402≧0.10µF&(0402/X7R≧0.056µF);0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF;1210≧22µF(1210/X5R≧10µF);TT series
20% 0402≧0.47
µF
16V
5%
10% 0603≧0.15
µF;0805≧0.68µF;1206≧2.2µF;1210≧4.7µF
15%
0201≧0.01
µF(0201/X7R≧0.022µF);0402≧0.033µF;
0603>0.47
µF;0805≧2.2µF;1206≧4.7µF; 1210≧22µF; TT series
10V
7.5%
15%
0201≧0.012
µF; 0402≧0.22µF;
0603≧0.33
µF;0805≧2.2µF;1206≧2.2µF; 1210≧22µF
20% 0201≧0.1
µF ;0402≧1µF; TT series; 01R5/X5R
6.3V
15% ≦30%
0201≧0.1
µF;0402≧1µF(0402/X6S≧0.47µF);0603≧10µF;
0805≧4.7
µF;1206≧47µF;1210≧100µF;TT series
4V
20% ---
---
Y5V:
Rated vol.
D.F.
Exception of D.F.
50V
7.5%
10%
0603
0.1
µ
F; 0805 0.47µF;
1206
4.7
µF
20% 1210≧6.8
µF
35V
10% ---
---
25V
7.5%
10%
0402
0.047
µ
F;0603 0.1µF;
0805
0.33
µ
F;1206 1µ
F; 1210 4.7µF
15%
0402
0.068
µ
F;0603 0.47µF;
1206
4.7
µ
F; 1210 22µF
16V
(C<1.0
µF) ≦10%
12.5%
0402
0.068
µ
F; 0603 0.68µF
20%
0402
0.22
µF
16V
(C
1.0
µF) ≦12.5%≦20%
0603
2.2
µ
F; 0805 3.3µF;
1206
10
µ
F;1210 22µF;
1812
47
µF;
10V
20% ≦30%
0402
0.47
µF
6.3V
30% ---
---
*I.R.:
≥10V, 1G or 50 -F whichever is smaller.
Class II (X7R, X5R, X6S, X7S, Y5V)
Rated voltage
Insulation
Resistance
100V: All X7R;1210
≥3.3µF
1G
or RxC≧10
-F whichever is
smaller.
50V: 0402>0.01µF;0603
≥1µF;0805≥1µF;1206≥4.7µF;1210≥4.7µF
35V:0603
≥1µF;0805≥2.2µF;
1206
2.2
µF;1210≧10µF
25V:0201≧0.1uF; 0402
≥0.22µF; 0603≥2.2µF;0805≥2.2µF;
1206
≥10µF;1210≥10µF
16V: 0201≧0.1uF;0402
≥0.22µF;0603≥1µF;0805≥2.2µF;
1206
≥10µF;1210≥47µF
10V:0201
≥47nF;0402≥0.47µF;0603≥0.47µF;0805≥2.2µF;
1206
≥4.7µF;1210≥47µF
6.3V ; 4V ; TT series ; All X6S/X7S items; Size
≥1812


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn