データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0201A104G250CT データシート(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 0201A104G250CT
部品情報  High capacitance in given case size
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201A104G250CT データシート(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  0201A104G250CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201A104G250CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 22
ASC_General Purpose_001AE_AS
May. 2019
1. DESCRIPTION
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization, high
density and high efficiency, ceramic condensers are used.
WTC’s MLCC is made by NP0, X7R, X6S, X5R and Y5V dielectric material and which provides product with high electrical
precision, stability and reliability.
4. HOW TO ORDER
1206
B
104
K
500
C
T
Size
Inch (mm)
0201 (0603)
0402 (1005)
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
1812 (4532)
Dielectric
N=NP0
(C0G)
B=X7R
F=Y5V
X=X5R
S=X6S
A=X7S
Capacitance
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
104=10x10
4
=100nF
Tolerance
A=±0.05pF
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Z=-20/+80%
Rated voltage
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
4R0=4 VDC
6R3=6.3 VDC
100=10 VDC
160=16 VDC
250=25 VDC
500=50 VDC
101=100 VDC
Termination
C=Cu/Ni/Sn
Packaging style
T=7” reeled
G=13” reeled
2. FEATURES
a.
A wide selection of sizes is available (0201 to 1812).
b.
High capacitance in given case size.
c.
Capacitor with lead-free termination (pure Tin).
3. APPLICATIONS
a.
For general digital circuit.
b.
For power supply bypass capacitors.
c.
For consumer electronics.
d.
For telecommunication.


同様の部品番号 - 0201A104G250CT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
0201A103B6NB10 ETC-0201A103B6NB10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0201A103B6NB4 ETC-0201A103B6NB4 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0201A103B6NT10 ETC-0201A103B6NT10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0201A103B6NT4 ETC-0201A103B6NT4 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
0201A103B6PB10 ETC-0201A103B6PB10 Datasheet
153Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

同様の説明 - 0201A104G250CT

メーカー部品番号データシート部品情報
logo
WALSIN TECHNOLOGY CORPO...
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
   High voltage in a given case size
1808N100J202CT WALSIN-1808N100J202CT Datasheet
3Mb / 13P
   High voltage in a given case size
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com