データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL38 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC100EL38
部品情報  첨2, 첨4/6 Clock Generation Chip
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL38 データシート(HTML) 3 Page - ON Semiconductor

  MC100EL38 Datasheet HTML 1Page - ON Semiconductor MC100EL38 Datasheet HTML 2Page - ON Semiconductor MC100EL38 Datasheet HTML 3Page - ON Semiconductor MC100EL38 Datasheet HTML 4Page - ON Semiconductor MC100EL38 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC100LVEL38 MC100EL38
4–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
MC100LVEL38
DC CHARACTERISTICS (VEE = –3.8V to –3.0; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
60
50
60
50
60
54
65
mA
VBB
Output Reference Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
IIH
Input High Current
150
150
150
150
µΑ
MC100LVEL38
AC CHARACTERISTICS (VEE = –3.8V to –3.0; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
1000
1000
1000
1000
MHz
tPLH
tPHL
Propagation Delay
CLK
→ Q (Diff)
to Output
CLK
→ Q (S.E.)
CLK
→ Phase_Out (Diff)
CLK
→ Phase_Out (S.E.)
MR
→ Q
760
710
800
750
510
960
1010
1000
1050
810
780
730
820
770
530
980
1030
1020
1070
830
800
750
840
790
540
1000
1050
1040
1090
840
850
800
890
840
570
1050
1100
1090
1140
870
ps
tSKEW
Within-Device Skew1
Q0 – Q3
All
50
75
50
75
50
75
50
75
ps
Part-to-Part
Q0 – Q3 (Diff)
All
200
240
200
240
200
240
200
240
tS
Setup Time
EN
→ CLK
DIVSEL
→ CLK
150
150
150
150
ps
tH
Hold Time
CLK
→ EN
CLK
→ Div_Sel
150
200
150
200
150
200
150
200
ps
VPP2
Minimum Input Swing
CLK
250
250
250
250
mV
VCMR3
Common Mode Range
CLK
–0.55
See3
–0.55
See3
–0.55
See3
–0.55
See3
V
tRR
Reset Recovery Time
100
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
800
700
800
700
800
700
800
700
ps
tr, tf
Output Rise/Fall Times Q (20% – 80%)
280
550
280
550
280
550
280
550
ps
1. Skew is measured between outputs under identical transitions.
2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPP Min and 1.0V. The lower end of the CMR range is dependent on VEE and
is equal to VEE + 1.65V.


同様の部品番号 - MC100EL38

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100EL38DW ONSEMI-MC100EL38DW Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWG ONSEMI-MC100EL38DWG Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWR2 ONSEMI-MC100EL38DWR2 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results

同様の説明 - MC100EL38

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com