データシートサーチシステム |
|
SM20MT24C データシート(PDF) 4 Page - Protek Devices |
|
SM20MT24C データシート(HTML) 4 Page - Protek Devices |
4 / 4 page 4 www.protekdevices.com 05079.R4 9/03 SM20MT05C thru SM20MT24C COPYRIGHT © ProTek Devices 2003 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products. PACKAGE OUTLINE & DIMENSIONS ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com TAPE & REEL/BULK ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T13 = 13 Inch Reel - 1,000 pieces per 24mm tape, i.e., SM20MT05C-T13. 3. No Suffix = Product Shipped in Tubes of 37 pcs per Tube. Outline & Dimensions: Rev 1 - 11/01, 06018 A B C D F G J K P R 12.95 7.60 2.65 0.49 0.90 1.27 BSC 0.32 0.25 10.55 0.75 0.499 0.292 0.093 0.014 0.020 0.05 BSC 0.010 0.004 0.395 0.010 0.510 0.299 0.104 0.019 0.035 0.05 BSC 0.012 0.009 0.415 0.029 12.65 7.40 2.35 0.35 0.50 1.27 BSC 0.25 0.10 10.05 0.25 DIM MIN MAX MIN MAX MILLIMETERS INCHES PACKAGE DIMENSIONS NOTES 1. - T - = Seating Plane and Datum Surface. 2. Dimensions “A” and “B” are Datum. 3. Dimensions “A” and “B” do not include mold protrusions. 4. Maximum mold protrusion is 0.015” (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. PACKAGE OUTLINE SO-20WB (Wide Body) MOUNTING PAD -A- P D G -T- K C J R X 45º F 0.010” (0.25 MM) M B M 10 PL 0.010” (0.25 MM) S B M 20 PL T A S 20 11 10 1 0.050” TYP 0.030” ± 0.005” 0.420” MIN 0.325” ± 0.005” 0.045” ± 0.005” 0º - 7º -B- |
同様の部品番号 - SM20MT24C |
|
同様の説明 - SM20MT24C |