データシートサーチシステム |
|
CDALA10M7GA064 データシート(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
CDALA10M7GA064 データシート(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 57 page Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. P61E7.pdf 01.10.17 7 2 Ceramic Filters (CERAFILr) for FM Receivers CERAFILr Small Chip Type SFECS Series SFECS10M7 series for FM-receivers are small, high performance and super thin (1.4mm) filters. Piezoelectric element is connected in the sandwich shape by ceramics substrate. They have 1.4mm thickness and small mounting area. (3.5x3.1mm) New SFECS series and PFWCC(kHz filter for AM receiver) enable customers to make AM/FM set so thin and small sized. s Features 1. The filters are mountable by automatic placers. 2. They are slim, at only 1.4mm thickness, and have a small mounting area (3.5x3.1mm) enabling flexible PCB design. 3. Various bandwidths are available. Select a suitable type in accordance with the desires selectivity. 4. Operating temperature range : -20 to +80 (degree C) Storage temperature range : -40 to +85 (degree C) s Applications 1. Small, thin radios 2. Headphone stereos F A (1) : Input (2) : Ground (3) : Float (Signal line) (4) : Output ( *) : Reference : EIAJ Monthly Code (1) (4) (2) (3) 3.45 T0.2 (1.35) (1.35) 0.7 T0.3 0.7T0.3 0.7T0.3 (1.30) (1.30) 1.4 T0.1 Input electrode marker 0.6 T0.3 0.6 T0.3 0-0.3 0-0.3 0-0.3 0-0.3 W0.3 Y0.2 0.4 (in mm) Part Number Center Frequency (fo) (MHz) 3dB Bandwidth (kHz) Attenuation (kHz) Insertion Loss (dB) Spurious Attenuation (dB) SFECS10M7HA00-R0 10.700 ±30kHz within180 ±40kHz 470 max. within4.5 ±2.0 dB 30 min. SFECS10M7GA00-R0 10.700 ±30kHz within230 ±50kHz 510 max. within3.5 ±2.0 dB 30 min. SFECS10M7FA00-R0 10.700 ±30kHz within280 ±50kHz 590 max. within3.0 ±2.0 dB 30 min. Area of Attenuation : [within 20dB] Area of Spurious Attenuation : [within 9MHz to 12MHz] Center frequency(fo) defined by the center of 3dB bandwidth. s Center Frequency Rank Code CODE D B A C E Z M 30kHz Step 10.64MHz ±30kHz 10.67MHz ±30kHz 10.70MHz ±30kHz 10.73MHz ±30kHz 10.76MHz ±30kHz 25kHz Step 10.650MHz ±25kHz 10.675MHz ±25kHz 10.700MHz ±25kHz 10.725MHz ±25kHz 10.750MHz ±25kHz Combination A,B,C,D,E Combination A,B,C |
同様の部品番号 - CDALA10M7GA064 |
|
同様の説明 - CDALA10M7GA064 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |