データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6645 データシート(PDF) 7 Page - International Rectifier

部品番号 IRF6645
部品情報  DirectFET Power MOSFET Typical calues (unless otherwise specified)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6645 データシート(HTML) 7 Page - International Rectifier

  IRF6645 Datasheet HTML 1Page - International Rectifier IRF6645 Datasheet HTML 2Page - International Rectifier IRF6645 Datasheet HTML 3Page - International Rectifier IRF6645 Datasheet HTML 4Page - International Rectifier IRF6645 Datasheet HTML 5Page - International Rectifier IRF6645 Datasheet HTML 6Page - International Rectifier IRF6645 Datasheet HTML 7Page - International Rectifier IRF6645 Datasheet HTML 8Page - International Rectifier IRF6645 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRF6645
www.irf.com
7
DirectFET
™ Substrate and PCB Layout, SJ Outline
(Small Size Can, J-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET.
This includes all recommendations for stencil and substrate designs.
Fig 18.
Diode Reverse Recovery Test Circuit for N-Channel
HEXFET® Power MOSFETs
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T

G = GATE
D = DRAIN
S = SOURCE
G
S
D
D
D
D
S


同様の部品番号 - IRF6645

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF66451PBF IRF-IRF66451PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results

同様の説明 - IRF6645

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6643TRPBF IRF-IRF6643TRPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET - Typical value (unless otherwise specified)
IRF6662 IRF-IRF6662 Datasheet
271Kb / 9P
   DirectFet Power MOSFET Typical values (unless otherwise specified)
IRF6655 IRF-IRF6655 Datasheet
257Kb / 10P
   DirectFET Power MOSFET Typical values (unless otherwise specified)
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
   UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
   UNLESS OTHERWISE SPECIFIED
C2567NL PULSE-C2567NL Datasheet
179Kb / 2P
   UNLESS OTHERWISE SPECIFIED
logo
List of Unclassifed Man...
24-06L-TGG ETC2-24-06L-TGG Datasheet
28Kb / 1P
   UNLESS OTHERWISE SPECIFIED,
logo
Laird Tech Smart Techno...
CM5441Z101B-10 LSTD-CM5441Z101B-10 Datasheet
213Kb / 1P
   UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com