データシートサーチシステム |
|
SN74ALVCF162835DLR データシート(PDF) 2 Page - Texas Instruments |
|
SN74ALVCF162835DLR データシート(HTML) 2 Page - Texas Instruments |
2 / 12 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) OE CLK Y1 1D C1 CLK To 17 Other Channels LE A1 27 30 28 54 3 SN74ALVCF162835 3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS SCES397A – JULY 2002 – REVISED AUGUST 2004 The SN74ALVCF162835 is a faster version of the SN74ALVC162835. It is suitable for PC133 applications and, particularly, SDRAM modules clocked at 133 MHz. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE INPUTS OUTPUT Y OE LE CLK A H X X X Z L H X L L L H X H H L L ↑ L L L L ↑ H H L L L or H X Y0 (1) (1) Output level before the indicated steady-state input conditions were established LOGIC DIAGRAM (POSITIVE LOGIC) 2 |
同様の部品番号 - SN74ALVCF162835DLR |
|
同様の説明 - SN74ALVCF162835DLR |