データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10174FNR2 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10174FNR2
部品情報  Dual 4 to 1 Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10174FNR2 データシート(HTML) 2 Page - ON Semiconductor

  MC10174FNR2 Datasheet HTML 1Page - ON Semiconductor MC10174FNR2 Datasheet HTML 2Page - ON Semiconductor MC10174FNR2 Datasheet HTML 3Page - ON Semiconductor MC10174FNR2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10174
3–123
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
80
58
73
80
mAdc
Input Current
IinH
4
14
350
525
220
330
220
330
µAdc
IinL
4
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
15
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
15
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
15
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
15
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t13+15+
t13–15–
t7+15–
t7–15+
t14+15–
t14–15+
15
15
15
15
15
15
1.4
1.4
1.9
1.9
1.0
1.0
5.0
5.0
6.6
6.6
3.3
3.3
1.5
1.5
2.0
2.0
1.0
1.0
3.5
3.5
5.0
5.0
2.0
2.0
4.7
4.7
6.2
6.2
3.1
3.1
1.4
1.4
2.1
2.1
0.9
0.9
5.0
5.0
6.6
6.6
3.4
3.4
Rise Time
(20 to 80%)
t+
15
1.0
3.4
1.1
2.0
3.3
1.1
3.6
Fall Time
(20 to 80%)
t–
15
1.0
3.4
1.1
2.0
3.3
1.1
3.6
ELECTRICAL CHARACTERISTICS (continued)
Each MECL 10,000 series circuit has been designed
t
t th d
ifi
ti
h
i th t
t t bl
TEST VOLTAGE VALUES (Volts)
,g
to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
circuit is in a test socket or mounted on a printed circuit
board and transverse air flow greater than 500 linear
fpm is maintained Outputs are terminated through a
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
fpm is maintained. Outputs are terminated through a
50–ohm resistor to –2.0 volts. Test procedures are
shown for only one gate. The other gates are tested in
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
shown for only one gate. The other gates are tested in
the same manner.
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4
14
4
14
8
8
1, 16
1, 16
IinL
4
4
8
1, 16
Output Voltage
Logic 1
VOH
15
13
8
1, 16
Output Voltage
Logic 0
VOL
15
14
8
1, 16
Threshold Voltage
Logic 1
VOHA
15
13
8
1, 16
Threshold Voltage
Logic 0
VOLA
15
14
8
1, 16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t13+15+
t13–15–
t7+15–
t7–15+
t14+15–
t14–15+
15
15
15
15
15
15
11
11
13
13
13
13
7
7
14
14
15
15
15
15
15
15
8
8
8
8
8
8
1, 16
1, 16
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t+
15
13
14
15
8
1, 16
Fall Time
(20 to 80%)
t–
15
13
14
15
8
1, 16


同様の部品番号 - MC10174FNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10174FN ONSEMI-MC10174FN Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
More results

同様の説明 - MC10174FNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
logo
NXP Semiconductors
74F153 PHILIPS-74F153 Datasheet
74Kb / 8P
   Dual 4-line to 1-line multiplexer
1996 Jan 05
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174 Datasheet
103Kb / 4P
   Dual 4 to Multiplexer
REV 6
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com