データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10197 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10197
部品情報  Hex AND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10197 データシート(HTML) 2 Page - ON Semiconductor

  MC10197 Datasheet HTML 1Page - ON Semiconductor MC10197 Datasheet HTML 2Page - ON Semiconductor MC10197 Datasheet HTML 3Page - ON Semiconductor MC10197 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10197
3–169
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
54
39
49
54
mAdc
Input Current
IinH
5
9
425
460
265
290
265
290
µAdc
IinL
5
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t5+2+
t9+2+
2
2
1.1
1.1
4.2
5.3
1.1
1.1
2.8
3.5
4.0
5.0
1.1
1.1
4.4
5.5
Rise Time
(20 to 80%)
t2+
2
1.1
4.7
1.1
2.5
4.5
1.1
5.0
Fall Time
(20 to 80%)
t2–
2
1.1
4.7
1.1
2.5
4.5
1.1
5.0
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
9
5
9
8
8
1, 16
1, 16
IinL
5
5
8
1, 16
Output Voltage
Logic 1
VOH
2
5, 9
8
1, 16
Output Voltage
Logic 0
VOL
2
8
1, 16
Threshold Voltage
Logic 1
VOHA
2
9
5
8
1, 16
Threshold Voltage
Logic 0
VOLA
2
9
5
8
1, 16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t5+2+
t9+2+
2
2
9
5
5
9
2
2
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
2
9
5
2
8
1, 16
Fall Time
(20 to 80%)
t2–
2
9
5
2
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


同様の部品番号 - MC10197

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10197 ONSEMI-MC10197 Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
MC10197FN ONSEMI-MC10197FN Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
MC10197L ONSEMI-MC10197L Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
MC10197P ONSEMI-MC10197P Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
MC10197 ONSEMI-MC10197_02 Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
More results

同様の説明 - MC10197

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10197 ONSEMI-MC10197_02 Datasheet
86Kb / 4P
   Hex AND Gate
January, 2002 ??Rev. 7
logo
Hitachi Semiconductor
HD14572UB HITACHI-HD14572UB Datasheet
65Kb / 6P
   Hex Gate
logo
STMicroelectronics
HCC4572B STMICROELECTRONICS-HCC4572B Datasheet
201Kb / 6P
   HEX GATE
logo
ON Semiconductor
MC14572UB ONSEMI-MC14572UB_14 Datasheet
97Kb / 5P
   Hex Gate
July, 2014 ??Rev. 10
MC14572UB ONSEMI-MC14572UB_06 Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UB ONSEMI-MC14572UB Datasheet
138Kb / 8P
   Hex Gate
March, 2000 ??Rev. 3
MC14572UB ONSEMI-MC14572UB_11 Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4572UB TI-CD4572UB Datasheet
277Kb / 6P
[Old version datasheet]   CMOS HEX GATE
SN74AUC34 TI1-SN74AUC34 Datasheet
610Kb / 11P
[Old version datasheet]   HEX BUFFER GATE
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Hex Gate
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com