データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100E137 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100E137
部品情報  8-BIT RIPPLE COUNTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E137 データシート(HTML) 1 Page - ON Semiconductor

  MC100E137 Datasheet HTML 1Page - ON Semiconductor MC100E137 Datasheet HTML 2Page - ON Semiconductor MC100E137 Datasheet HTML 3Page - ON Semiconductor MC100E137 Datasheet HTML 4Page - ON Semiconductor MC100E137 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
7/96
8Bit Ripple Counter
The MC10E/100E137 is a very high speed binary ripple counter. The
two least significant bits were designed with very fast edge rates while the
more significant bits maintain standard ECLinPS
™ output edge rates.
This allows the counter to operate at very high frequencies while
maintaining a moderate power dissipation level.
1.8GHz Minimum Count Frequency
Differential Clock Input and Data Output Pins
VBB Output for Single-Ended Use
Internal 75kΩ Input Pulldown Resistors
Synchronous and Asynchronous Enable Pins
Asynchronous Master Reset
Extended 100E VEE Range of –4.2V to –5.46V
The device is ideally suited for multiple frequency clock generation as
well as a counter in a high performance ATE time measurement board.
Both asynchronous and synchronous enables are available to
maximize the device’s flexibility for various applications. The
asynchronous enable input, A_Start, when asserted enables the counter
while overriding any synchronous enable signals. The E137 features
XORed enable inputs, EN1 and EN2, which are synchronous to the CLK
input. When only one synchronous enable is asserted the counter
becomes disabled on the next CLK transition; all outputs remain in the
previous state poised for the other synchronous enable or A_Start to be
asserted to re-enable the counter. Asserting both synchronous enables
causes the counter to become enabled on the next transition of the CLK.
If EN1 (or EN2) and CLK edges are coincident, sufficient delay has been
inserted in the CLK path (to compensate for the XOR gate delay and the
internal D-flip flop setup time) to insure that the synchronous enable
signal is clocked correctly, hence, the counter is disabled.
The E137 can also be driven single-endedly utilizing the VBB output
supply as the voltage reference for the CLK input signal. If a single-ended
signal is to be used the VBB pin should be connected to the CLK input and
bypassed to ground via a 0.01
µF capacitor. VBB can only source/sink
0.5mA, therefore it should be used as a switching reference for the E137
only.
All input pins left open will be pulled LOW via an input pulldown resistor. Therefore, do not leave the differential CLK inputs
open. Doing so causes the current source transistor of the input clock gate to become saturated, thus upsetting the internal bias
regulators and jeopardizing the stability of the device.
The asynchronous Master Reset resets the counter to an all zero state upon assertion.
CLK
CLK
LOGIC DIAGRAM
Q
Q
CLK
CLK
D
R
Q
Q
CLK
CLK
D
R
EN1
EN2
CLK
CLK
A_Start
Q
Q
D
R
Q0
Q0
Q1
Q1
Q
Q
CLK
CLK
D
R
Q7
Q7
MR
VBB
MC10E137
MC100E137
8-BIT RIPPLE
COUNTER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02
CLK, CLK
Q0-Q7, Q0-Q7
A_Start
EN1, EN2
MR
VBB
Differential Clock Inputs
Differential Q Outputs
Asynchronous Enable Input
Synchronous Enable Inputs
Asynchronous Master Reset
Switching Refernce Output
PIN
FUNCTION
PIN NAMES


同様の部品番号 - MC100E137

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100E137 ONSEMI-MC100E137 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137 ONSEMI-MC100E137 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FN ONSEMI-MC100E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FN ONSEMI-MC100E137FN Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results

同様の説明 - MC100E137

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10E137 MICREL-SY10E137 Datasheet
76Kb / 4P
   8-BIT RIPPLE COUNTER
SY10E137 MICREL-SY10E137_06 Datasheet
67Kb / 5P
   8-BIT RIPPLE COUNTER
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_08 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
   4-bit binary ripple counter
December 1990
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com