データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMS6002D データシート(PDF) 14 Page - List of Unclassifed Manufacturers

部品番号 LMS6002D
部品情報  Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LMS6002D データシート(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button LMS6002D Datasheet HTML 7Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 8Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 9Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 10Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 11Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 12Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 13Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 14Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
© Copyright Lime Microsystems
LMS6002D
14
Pin No
Pin Name
Type
Description
Note
61
TXVCCPLL18
digital supply
TX PLL modules 1.8V supply (1.8V)
62
TXPVDDPLL33B
esd supply
TX PLL pads ESD supply (3.3V)
63
TXVCCCHP33
analogue supply
TX PLL charge pump supply (3.3V)
64
TXCPOUT
in/out
Transmit PLL loop filter input
65
TSTD_out1
out cmos
TX and RX PLLs digital test point
66
TXEN
in cmos
Transmitter enable, active high
67
SEN
in cmos
Serial port enable, active low
68
SDO
out cmos
Serial port data out
High Z when SEN=1
69
SDIO
in/out cmos
Serial port data in/out
70
SCLK
in cmos
Serial port clock, positive edge sensitive
71
PLLCLK
in, cmos or
clipped sine
PLL reference clock input (23MHz - 41 MHz)
Minimum input level is 0.2Vpp. Both DC and AC coupling
supported.
72
TRXVDDDSM18
digital supply
Delta sigma digital core supply (1.8V)
73
VSPI18
digital supply
SPI digital core supply (1.8V)
74
PVDDSPI33
esd supply
SPI pads and ESD Supply (3.3V)
Can be lowered down to 1.8V to support LV signalling
75
RESET
in cmos
Hardware reset, active low
76
RXEN
in cmos
Receiver enable, active high
77
TSTD_out2
out cmos
TX and RX PLLs digital test point
78
RXVCCCHP33
analogue supply
RXPLL charge pump supply (3.3V)
79
RXVCCLOB33
analogue supply
RXPLL LO buffer supply (3.3V)
80
RXCPOUT
in/out
RXPLL loop filter input
81
RXPVDDPLL33B
esd supply
RXPLL pads ESD supply (3.3V)
82
RXVCCVCO33
analogue supply
RXPLL 3.3V supply (3.3V)
83
RXVCCPLL18
digital supply
RXPLL 1.8V supply (1.8V)
84
RXVDDVCO18
analogue supply
RX PLL VCO supply (1.8V)
85
RXVCCPLL33
analogue supply
RX PLL 3.3V supply
86
RXPVDDPLL33A
esd supply
RXPLL pads ESD supply (3.3V)
87
RXVTUNE
in/out
RXPLL loop filter output
88
UNUSED
Connect to ground
89
XRES12k
in/out
External 12k 1% resistor to ground
90
RXVCCMIX33
analogue supply
RXMIX supply (3.3V)
91
OEXLNA1P
out
LNA1 output positive
92
IEXMIX1P
in
Mixer input 1 positive
93
UNUSED
Connect to ground
94
IEXMIX1N
in
Mixer input 1 negative
95
OEXLNA1N
out
LNA1 output negative
96
RXIN1P
in
RX1 (LNA1) input
97
RXIN1EP
in
LNA1 external emitter inductance
Connect to ground
98
RXIN1N
in
RX1 (LNA1) input
99
RXIN1EN
in
LNA1 external emitter inductance
Connect to ground
100
RXIN2P
in
RX2 (LNA2) input
101
RXVCCLNA33
analogue supply
RX LNA supply (3.3V)
102
RXIN2N
in
RX2 (LNA2) input
103
OEXLNA2P
out
LNA2 output positive
104
IEXMIX2P
in
Mixer input 2 positive
105
OEXLNA2N
out
LNA 2 output negative
106
IEXMIX2N
in
Mixer input 2 negative
107
RXPVDD33
esd supply
RX pads ESD supply (3.3V)
108
RXIN3P
in
RX3 (LNA3) input
109
RXVCCTIA33
analogue supply
RXTIA (RXVGA1) supply (3.3V)
110
RXIN3N
in
RX3 (LNA3) input
111
RXVCCLPF33
analogue supply
RXLPF supply (3.3V)
112
RXVCCVGA33
analogue supply
RXVGA2 supply (3.3V)
113
RXOUTQP
in/out
RXVGA2 output / RX ADC input
114
RXOUTQN
in/out
RXVGA2 output / RX ADC input
115
RXOUTIN
in/out
RX VGA2 output / RX ADC input
116
RXOUTIP
in/out
RX VGA2 output / RX ADC input
117
GLOBAL GND
GLOBAL GND
Package paddle ground
Table 12: Pin descriptions (continued)


同様の部品番号 - LMS6002D

メーカー部品番号データシート部品情報
logo
Tyco Electronics
LMS6000-130 MACOM-LMS6000-130 Datasheet
1Mb / 30P
   T107M Handheld Printer
More results

同様の説明 - LMS6002D

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
   Multi-Standard Infrared Transceiver
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
   MULTI STANDARD INFRARED TRANSCEIVER
logo
Analog Devices
AD9363 AD-AD9363 Datasheet
523Kb / 32P
   Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
logo
STMicroelectronics
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com