データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMS7002M データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LMS7002M
部品情報  FPRF MIMO Transceiver IC With Integrated Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LMS7002M データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LMS7002M Datasheet HTML 1Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 2Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 3Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 4Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 5Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 6Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 7Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 8Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FPRF MIMO Transceiver IC
With Integrated Microcontroller
LMS7002M
Document version: 3.1r00
SUMMARY FEATURES
Field Programmable Radio Frequency (FPRF) chip
Dual transceiver ideal for MIMO
User programmable on the fly
Continuous coverage of the 100 kHz - 3.8 GHz RF frequency
range
Digital interface to baseband with on chip integrated 12 bit
D/A and A/D converters
Programmable RF modulation bandwidth up to
160 MHz using analog interface
Programmable RF modulation bandwidth up to
96 MHz using digital interface
Supports both TDD and full duplex FDD
LimeLight
digital IQ interface – JEDEC JESD207 TDD and
FDD compliant
Transceiver Signal Processor block employs advanced
techniques for enhanced performance
Single chip supports 2x2 MIMO. Multiple chips can be used
to implement higher order MIMO
On-chip RF calibration circuitry
Fully differential baseband signals, analog IQ
Few external components
Low voltage operation, 1.25, 1.4 and 1.8V. Integrated LDOs
to run on a single 1.8V supply voltage
On chip integrated microcontroller for simplified calibration,
tuning and control
Integrated clock PLL for flexible clock generation and
distribution
User definable analog and digital filters for customised
filtering
RF and base band Received Signal Strength Indicator (RSSI)
On chip integrated temperature sensor
261 pin aQFN 11.5x11.5 mm package
Power down option
Serial port interface
Low power consumption, typical 880mW in full 2x2 MIMO
mode (550mW in SISO mode) using external LDOs
Multiple bypass modes for greater flexibility
APPLICATIONS
Broad band wireless communications
GSM, CDMA2000, TD-SCDMA, WCDMA/HSPA, LTE
IEEE® xxx.xxx radios
WiFi operating in the Whitespace frequencies
Software Defined Radio (SDR)
Cognitive Radio
Unmanned Aerial Vehicle (UAV)
Other Whitespace applications
Figure 1: Functional block diagram


同様の部品番号 - LMS7002M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMS75ALS176A NSC-LMS75ALS176A Datasheet
241Kb / 11P
   Differential Bus Transceivers
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
LMS75LBC176M NSC-LMS75LBC176M Datasheet
161Kb / 10P
   Differential Bus Transceivers
LMS75LBC176MX NSC-LMS75LBC176MX Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
GAPTEC Electronic GmbH ...
LMS78 GAPTEC-LMS78 Datasheet
1Mb / 3P
   Wide Input Non-Isolated & Regulated, Single Positive/Negative Output
More results

同様の説明 - LMS7002M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
STMicroelectronics
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
   Fully integrated device transceiver IC
logo
Maxim Integrated Produc...
MAX2580 MAXIM-MAX2580 Datasheet
100Kb / 2P
   LTE Small-Cell MIMO Transceiver
8/4/2016
logo
Broadcom Corporation.
BCM5705 BOARDCOM-BCM5705 Datasheet
501Kb / 1P
   CONTROLLER WITH INTEGRATED TRANSCEIVER
logo
ATMEL Corporation
ATA664251 ATMEL-ATA664251_14 Datasheet
9Mb / 290P
   16K Flash Microcontroller with LIN Transceiver
logo
Sitronix Technology Co....
ST2201U SITRONIX-ST2201U Datasheet
298Kb / 12P
   Integrated Microcontroller
logo
Holt Integrated Circuit...
HI-5110 HOLTIC-HI-5110 Datasheet
184Kb / 51P
   CAN Controller with Integrated Transceiver
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
logo
Microchip Technology
PIC16C433 MICROCHIP-PIC16C433 Datasheet
2Mb / 126P
   8-Bit CMOS Microcontroller with LIN Transceiver
12/05/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com