データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SNP-P30X-S データシート(PDF) 1 Page - Skynet Electronic Copyright

部品番号 SNP-P30X-S
部品情報  Medical & ITE General Purpose
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYNET [Skynet Electronic Copyright]
ホームページ  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-P30X-S データシート(HTML) 1 Page - Skynet Electronic Copyright

  SNP-P30X-S Datasheet HTML 1Page - Skynet Electronic Copyright SNP-P30X-S Datasheet HTML 2Page - Skynet Electronic Copyright SNP-P30X-S Datasheet HTML 3Page - Skynet Electronic Copyright SNP-P30X-S Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-Jim-
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-1
Rated
300W
Max.
420W
Peak
600W
SNP-P30x-S Series
Medical & ITE
General Purpose
JUN. 2018
Notes:
1. Size:
3.7" x 6.6" x 1.46"
2. Mounting Hole:
Side edge: 155 x 29 (mm)
Bottom: 155 x 63 (mm)
3. Connectors:
AC input: Using JST B5P-VH withdraw 2 pins or equivalent
DC output: Using JST B12P-VH or equivalent
Remote ON/OFF & Standby Output & Fan output
& Remote Sense: 2 x 5 (10 pins) 0.1 pitch
4. Output Pin assignment (TB2): Function Pin assignment (TB3):
5. Packing:
Net weight: 660 g approx. / unit
Gross weight: 15.5 kg approx. / carton, 20 units / carton
Carton size (mm): 453 (L) x 362 (W) x 279 (H)
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Standby power ...........................................< 0.2W at no load
(remote off status)
< 0.5W at 5Vsb/40mA output
Inrush current ............................... < 30/60A at 115/230VAC
Efficiency ................................................................ 90% typ.
Hold up time ...........................................................18ms typ.
Over load/Short circuit protection ................... auto recovery
Over voltage protection ............................................ latch off
Operating temperature ..................................... -20oC to 70oC
derating: 2.5% / oC > 50oC
Cooling ..................................... 300W at convection cooling
420W at forced air cooling
Storage temperature ..................................... -40oC to +85oC
EMI ..........................................EN55022 "B", EN61000-3-3
Harmonics........................................... EN61000-3-2, class D
EMS..................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ................................ UL/CSA/EN60950-1, 2nd edition
ANSI/AMMI/CSA/EN60601-1, 3.1 edition
Energy Saving .............................................. ENERGY STAR
for computers version 6.0
for displays version 6.0
ErP regulation EC(No) 1275/2008
Mechanical Specifications:
General Specifications:
Features:
3.7" x 6.6" x 1.46"
Pin 1 +5VSB
Pin 2 +5VSB GND
3 +FAN
4 -FAN
5 PG/PF
6 PG/PF GND
7 RM GND
8 RM ON/OFF
9 -RS
10 +RS
Surge load (3 x rated current, Vo>60% typical for 1 sec)
Peak load (1.5 ~ 2 x rated current, Vo=rated for 5 sec)
Design for BF application
Convection cooling for Rated power
With +5Vsb & +12V Fan output
Remote on/off & remote sense
Fan speed controlled by loading
EMI class B
-20oC to +70oC operating temperature
5,000m operation altitude
Applications:
For peak load and surge load applications, such as ac-
tive speaker and audio power amplifier, motor drive,
coffee machine, vending machine, gaming machine,
and other industrials.
For EMI class B application, such as home healthcare
device, and other medical devices.
167.0 (6.6")
95.0
(3.7")
37.0
(1.46")
10 years Warranty (contact Skynet's Distributors for details)
1 ~ 6
7 ~ 12
Vo
GND


同様の部品番号 - SNP-P30X-S

メーカー部品番号データシート部品情報
logo
Skynet Electronic Copyr...
SNP-P155-S SKYNET-SNP-P155-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P157-S SKYNET-SNP-P157-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P158-S SKYNET-SNP-P158-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P159-S SKYNET-SNP-P159-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P15G-S SKYNET-SNP-P15G-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
More results

同様の説明 - SNP-P30X-S

メーカー部品番号データシート部品情報
logo
Skynet Electronic Copyr...
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
   Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
   Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
   Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
   Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
   Medical & ITE General Purpose
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
   Medical & ITE General Purpose
SNP-G16 SKYNET-SNP-G16 Datasheet
624Kb / 4P
   Medical & ITE General Purpose
SNP-G20 SKYNET-SNP-G20 Datasheet
634Kb / 4P
   Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
   Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com