データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4998S3 データシート(PDF) 30 Page - Infineon Technologies AG

部品番号 TLE4998S3
部品情報  Programmable Linear Hall Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S3 データシート(HTML) 30 Page - Infineon Technologies AG

Back Button TLE4998S3_V01 Datasheet HTML 26Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 27Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 28Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 29Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 30Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 31Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 32Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 33Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
TLE4998S
Calibration
Data Sheet
30
V 1.0, 2008-07
9.2
Programming Interface
The VDD pin and the OUT pin are used as a two-wire interface to transmit the EEPROM
data to and from the sensor.
This allows:
• Communication with high data reliability
• The bus-type connection of several sensors and separate programming via the OUT
pin
9.3
Data Transfer Protocol
The data transfer protocol is described in a separate document (User Programming
Description), available on request.
9.4
Programming of Sensors with Common Supply Lines
In many automotive applications, two sensors are used to measure the same parameter.
This redundancy makes it possible to continue operation in an emergency mode. If both
sensors use the same power supply lines, they can be programmed together in parallel.
Table 17
Programming Characteristics
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Number of EEPROM
programming cycles
NPRG
-
10
Cycles1)
1) 1 cycle is the simultaneous change of
≥ 1 bit
Programming allowed
only at start of lifetime
Ambient temperature at
programming
TPRG
10
30
°C
Programming time
tPRG
100
-
ms
For complete memory 2)
2) Depending on clock frequency at V
DD, write pulse 10 ms ±1%, erase pulse 80 ms ±1%
Calibration memory
-
150
Bit
All active EEPROM bits
Error Correction
-
26
Bit
All parity EEPROM bits


同様の部品番号 - TLE4998S3_V01

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results

同様の説明 - TLE4998S3_V01

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com