データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT8920 データシート(PDF) 50 Page - List of Unclassifed Manufacturers

部品番号 LT8920
部品情報  Long range 2.4GHz Radio Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 データシート(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button LT8920 Datasheet HTML 43Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 44Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 45Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 46Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 47Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 48Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 49Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 50Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
LT8920 Datasheet V1.1
Page 50
Jan. 2017
13. IR Reflow Standard
Follow : IPC/JEDEC J-STD-020 B
Condition :
Average ramp-up rate (183ºC to peak): 3 ºC/sec. max.
Preheat: 100~150ºC
60~120sec
Temperature maintained above 183ºC: 60~150 seconds
Time within 5ºC of actual peak temperature: 10 ~ 30 sec.
Peak temperature:
240+0/-5 ºC
Ramp-down rate: 6 ºC/sec. max.
Time 25ºC to peak temperature: 6 minutes max.
Cycle interval: 5 minutes
Figure 18. IR Reflow Diagram
60 ~ 120 sec.
60 ~ 150 sec.
10~30 sec
Peak:
240+0/-5 ºC
Ramp down rate:
Max. 6ºC/sec
Slope: Max 3ºC/sec.
(183ºC to peak)
183ºC
25ºC
Preheat: 100 ~ 150ºC


同様の部品番号 - LT8920

メーカー部品番号データシート部品情報
logo
LETEX TECHNOLOGY CORP.
LT890 LETEX-LT890 Datasheet
102Kb / 3P
   Photo DMOS-FET Relay
LT891 LETEX-LT891 Datasheet
172Kb / 3P
   Photo DMOS-FET Relay
More results

同様の説明 - LT8920

メーカー部品番号データシート部品情報
logo
AUREL S.p.A.
650201347G AUREL-650201347G Datasheet
107Kb / 1P
   Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
   500mW Long Range Lora Data Radio Modem
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
   Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
Micro Linear Corporatio...
ML2712-1 MICRO-LINEAR-ML2712-1 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com