データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX-7 データシート(PDF) 14 Page - List of Unclassifed Manufacturers

部品番号 MAX-7
部品情報  u-blox 7 GNSS modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MAX-7 データシート(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MAX-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 14Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 15Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 16Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 17Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MAX-7 - Data Sheet
UBX-13004068 - R05
Production Information
Configuration management
Page 14 of 24
3 Configuration management
Configuration settings can be modified with UBX configuration messages. The modified settings remain effective
until power-down or reset. If these settings have been stored in battery-backup RAM, then the modified
configuration will be retained, as long as the backup battery supply is not interrupted.
For more information about configuration management, see the u-blox 7 Receiver Description Including
Protocol Specification [2].
4 Electrical specification
The limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress
above one or more of the limiting values may cause permanent damage to the device. These are stress
ratings only, and operation of the device at these or at any other conditions above those given in the
Characteristics sections of the specification is not implied. Exposure to these limits for extended periods
may affect device reliability.
Where application information is given, it is advisory only and does not form part of the specification.
For more information see the MAX-7 / NEO-7 Hardware Integration Manual [1].
4.1 Absolute maximum rating
Parameter
Symbol
Module
Condition
Min
Max
Units
Power supply voltage
VCC, VCC_IO
All
-0.5
3.6
V
Backup battery voltage
V_BCKP
All
-0.5
3.6
V
Input pin voltage
Vin
All
-0.5
3.6
V
DC current trough any digital I/O pin
(except supplies)
Ipin
10
mA
VCC_RF output current
ICC_RF
All
100
mA
Input power at RF_IN
Prfin
All
source impedance
= 50 Ω,
continuous wave
13
dBm
Antenna bias voltage
V_ANT
6
V
Antenna bias current
I_ANT
100
mA
Storage temperature
Tstg
All
-40
85
°C
Table 6: Absolute maximum ratings
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. The product is not protected against overvoltage or reversed
voltages. If necessary, voltage spikes exceeding the power supply voltage specification, given in
table above, must be limited to values within the specified boundaries by using appropriate
protection diodes.


同様の部品番号 - MAX-7

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
logo
Altera Corporation
MAX-7000A ALTERA-MAX-7000A Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

同様の説明 - MAX-7

メーカー部品番号データシート部品情報
logo
u-blox AG
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
   u-blox M8 concurrent GNSS modules
MAX-M8 U-BLOX-MAX-M8 Datasheet
808Kb / 28P
   u-blox M8 concurrent GNSS modules
UBX-G7020-KT U-BLOX-UBX-G7020-KT Datasheet
1Mb / 38P
   u-blox 7 GPS/GNSS chips
Revision1 1/27/2012
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
   u-blox M8 Concurrent GNSS Antenna Modules
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
   u-blox M10 standard precision GNSS modules
NEO-M8P U-BLOX-NEO-M8P Datasheet
1Mb / 29P
   u-blox M8 High Precision GNSS Modules
ZOE-M8 U-BLOX-ZOE-M8 Datasheet
1Mb / 31P
   Ultra-small u-blox M8 GNSS SiP modules
EVK-M101 U-BLOX-EVK-M101 Datasheet
122Kb / 1P
   u-blox M10 GNSS evaluation kit
UBX-M8030 U-BLOX-UBX-M8030 Datasheet
269Kb / 2P
   Versatile u-blox M8 GNSS chips
ZED-F9P U-BLOX-ZED-F9P Datasheet
1Mb / 24P
   u-blox F9 high precision GNSS module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com