データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1KM データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 ES1KM
部品情報  Surface Mount Ultrafast Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ES1KM データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  ES1KM Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1KM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1AM thru ES1MM
Crownpo Technology
Document No. 12086
www.crownpo.com
01-Apr-04
Surface Mount Ultrafast Plastic Rectifier
Reverse Voltage 50 to 1000V
1.0A
Maximum Ratings & Thermal Characteristics Ratings at 25-C ambient temperature unless otherwise specified.
ES1AM ES1BM ES1DM ES1GM ES1JM ES1KM ES1MM
Symbols
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55
-C
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
30
A
rated load (JEDEC Method)
Typical thermal resistance (1)
R
θ JA
32
-C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
-C
-C
Electrical Characteristics Ratings at 25-C ambient temperature unless otherwise specified.
Symbols
Units
Maximum instantaneous forward voltage at 1.0A (2)
VF
1.3
1.7
V
Maximum DC reverse current
TA= 25
-C
IR
5.0
A
at rated DC blocking voltage
TA=100
-C150
Maximum reverse recovery time
IF=0.5A, IR=1.0A, Irr= 0.25A
trr
50
75
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
20
pF
Notes:
(1) Thermal resistance from junction to ambient at 0.375
" (9.5mm) lead length
(2) Pulse test: 300
es pulse width, 1% duty cycle
e
V
1.0
Parameter
Device marking code
H1
H2
H3
H4
H5
H6
H7
ES1AM ES1BM ES1DM ES1GM ES1JM ES1KM ES1MM
Features
N Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
N For surface mount applications
N Ultrafast recovery time for high efficiency
N Glass passivated chip juctions
N Low Vf, low power loss
N High temperature soldering guaranteed:
250
-C/10 seconds on terminals
Mechanical Data
Case: JEDEC SOD123/Mini SMA molded plastic
Terminals: Solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.05g
N Low profile package
N Easy pick and place
Mounting Pad Layout
0.076 (1.93)
0.071 (1.8)
0.055 (1.4)
0.161 (4.1)
0.146 (3.7)
SOD-123
0.012 (0.3) Typ.
0.071 (1.8)
0.055 (1.4)
0.063 (1.6)
0.055 (1.4)
0.110 (2.8)
0.094 (2.4)
0.035 (0.9) Typ.
0.035 (0.9) Typ.
Dimensions in inches and (millimeters)


同様の部品番号 - ES1KM

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ES1K MCC-ES1K Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
RFE international
ES1K RFE-ES1K Datasheet
1Mb / 3P
   Surface Mount Super Fast Recifier Diodes ES1A Through ES1K
08-12-2020
logo
TAITRON Components Inco...
ES1K TAITRON-ES1K Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
GOOD-ARK Electronics
ES1K GOOD-ARK-ES1K Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Silicon Standard Corp.
ES1K SSC-ES1K Datasheet
266Kb / 3P
   SUPER FAST SURFACE MOUNT RECTIFIERS
More results

同様の説明 - ES1KM

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ES1A VISHAY-ES1A_11 Datasheet
81Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Apr-11
ES2B-E3-52T VISHAY-ES2B-E3-52T Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
ES1C-E361T VISHAY-ES1C-E361T Datasheet
82Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 25-Apr-14
ES2DHE3 VISHAY-ES2DHE3 Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340-M3 VISHAY-MURS340-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS320-M3 VISHAY-MURS320-M3 Datasheet
89Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 13-May-08
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com