データシートサーチシステム |
|
LFEC6E-5Q208C データシート(PDF) 10 Page - Lattice Semiconductor |
|
LFEC6E-5Q208C データシート(HTML) 10 Page - Lattice Semiconductor |
10 / 117 page 2-7 Architecture Lattice Semiconductor LatticeECP/EC Family Data Sheet Routing There are many resources provided in the LatticeECP/EC devices to route signals individually or as busses with related control signals. The routing resources consist of switching circuitry, buffers and metal interconnect (routing) segments. The inter-PFU connections are made with x1 (spans two PFU), x2 (spans three PFU) and x6 (spans seven PFU). The x1 and x2 connections provide fast and efficient connections in horizontal and vertical directions. The x2 and x6 resources are buffered allowing both short and long connections routing between PFUs. The ispLEVER design tool takes the output of the synthesis tool and places and routes the design. Generally, the place and route tool is completely automatic, although an interactive routing editor is available to optimize the design. Clock Distribution Network The clock inputs are selected from external I/O, the sysCLOCK™ PLLs or routing. These clock inputs are fed through the chip via a clock distribution system. Primary Clock Sources LatticeECP/EC devices derive clocks from three primary sources: PLL outputs, dedicated clock inputs and routing. LatticeECP/EC devices have two to four sysCLOCK PLLs, located on the left and right sides of the device. There are four dedicated clock inputs, one on each side of the device. Figure 2-6 shows the 20 primary clock sources. Figure 2-6. Primary Clock Sources From Routing Clock Input From Routing PLL Input Clock Input PLL Input PLL Input Clock Input PLL Input From Routing Clock Input From Routing PLL PLL PLL PLL 20 Primary Clock Sources To Quadrant Clock Selection Note: Smaller devices have two PLLs. |
同様の部品番号 - LFEC6E-5Q208C |
|
同様の説明 - LFEC6E-5Q208C |