データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM93LC86NA データシート(PDF) 3 Page - Anachip Corp

部品番号 AM93LC86NA
部品情報  16384-bits Serial Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANACHIP [Anachip Corp]
ホームページ  
Logo ANACHIP - Anachip Corp

AM93LC86NA データシート(HTML) 3 Page - Anachip Corp

  AM93LC86NA Datasheet HTML 1Page - Anachip Corp AM93LC86NA Datasheet HTML 2Page - Anachip Corp AM93LC86NA Datasheet HTML 3Page - Anachip Corp AM93LC86NA Datasheet HTML 4Page - Anachip Corp AM93LC86NA Datasheet HTML 5Page - Anachip Corp AM93LC86NA Datasheet HTML 6Page - Anachip Corp AM93LC86NA Datasheet HTML 7Page - Anachip Corp AM93LC86NA Datasheet HTML 8Page - Anachip Corp AM93LC86NA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Oct 20, 2003
3/12
DC Electrical Characteristics (Vcc =2.7~5.5V, T
A = 25
oC, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
I
CC
Operating current**
CS=VIH, SK=1MHz CMOS input levels
3
mA
I
SB
Standby current
CS=DI=SK=0V
10
µA
I
IL
Input leakage
VIN = 0V to VCC(CS,SK,DI)
-1
1
µA
I
OL
Output leakage
VOUT = 0V to VCC, CS=0V
-1
1
µA
VCC = 3V + 10%
-0.1
0.15 VCC
V
IL
Input low voltage**
VCC = 5V + 10%
-0.1
0.8
V
VCC = 3V + 10%
0.8 VCC
VCC +0.2
V
IH
Input high voltage**
VCC = 5V + 10%
2
VCC+0.2
V
V
OL1
Output low voltage
IOL = 2.1mA TTL, VCC=5V + 10%
0.4
V
V
OH1
Output high voltage
IOH = -400uA TTL, VCC=5V + 10%
2.4
V
V
OL2
Output low voltage
IOL = 10uA CMOS
0.2
V
V
OL2
Output high voltage
IOH = -10uA CMOS
VCC -0.2
V
Note ** : ICC, VIL min and VIH max are for reference only and are not tested.
AC Electrical Characteristics (Vcc = 2.7V ~ 5.5V, T
A = 25
oC, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
FSK
SK Clock Frequency
0
1
Mhz
TSKH
SK High Time
250
nS
TSKL
SK Low Time
250
nS
TCS
Minimum CS Low Time
250
nS
TCSS
CS Setup Time
Relative to SK
50
nS
TDIS
DI Setup Time
Relative to SK
100
nS
TCSH
CS Hold Time
Relative to SK
0
nS
TDIH
DI Hold Time
Relative to SK
100
nS
TPD1
Output Delay to "1"
AC test (Fig. 1)
500
nS
TPD0
Output Delay to "0"
AC test (Fig. 1)
500
nS
TSV
CS to Status Valid
AC test CL = 100pF
500
nS
TDF
CS to DO in 3-state
CS = VIL
100
nS
TWP
Write Cycle Time
10
mS
Endurance(note)
5V, 25ºC
1M
write cycles
Note: The parameter is characterized and isn’t 100% tested.
632 ohm
DO
1.247V
(1 TTL Gate Load)
100PF
Figure 1. AC test circuit


同様の部品番号 - AM93LC86NA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
More results

同様の説明 - AM93LC86NA

メーカー部品番号データシート部品情報
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com