データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL04 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100EL04
部品情報  2-Input AND/NAND
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL04 データシート(HTML) 1 Page - ON Semiconductor

  MC100EL04 Datasheet HTML 1Page - ON Semiconductor MC100EL04 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 2
© Motorola, Inc. 1996
12/93
2Input AND/NAND
The MC10EL/100EL04 is a 2-input AND/NAND gate. The device is
functionally equivalent to the E104 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E104 the EL04 is ideally suited for those
applications which require the ultimate in AC performance.
240ps Propagation Delay
High Bandwidth Output Transitions
75kΩ Internal Input Pulldown Resistors
>1000V ESD Protection
1
2
3
4
5
6
7
8
NC
D0
D1
NC
VEE
Q
Q
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current 10EL
100EL
14
14
17
17
14
14
17
17
14
14
17
17
14
16
17
20
mA
VEE
Power Supply Voltage 10EL
100EL
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.75
–4.20
–5.2
–4.5
–5.5
–5.5
–4.75
–4.20
–5.2
–4.5
–5.5
–5.5
V
IIH
Input HIGH Current
D0
D1
250
150
250
150
250
150
250
150
µA
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay to
Output
70
235
410
120
235
360
130
240
370
155
265
395
ps
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
100
225
350
100
225
350
100
225
350
100
225
350
ps
MC10EL04
MC100EL04
PIN
FUNCTION
D0, D1
Data Inputs
Q
Data Outputs
PIN DESCRIPTION
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


同様の部品番号 - MC100EL04

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL04 ONSEMI-MC100EL04 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC100EL04D ONSEMI-MC100EL04D Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC100EL04D ONSEMI-MC100EL04D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL04DG ONSEMI-MC100EL04DG Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC100EL04DG ONSEMI-MC100EL04DG Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
More results

同様の説明 - MC100EL04

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10EL04 MICREL-SY10EL04 Datasheet
46Kb / 4P
   2-INPUT AND/NAND
SY10EL04 MICREL-SY10EL04_06 Datasheet
48Kb / 4P
   2-INPUT AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05 Datasheet
85Kb / 8P
   2-Input Differential AND/NAND
Sep, 1999 ??Rev. 1.0
MC100LVEL05 ONSEMI-MC100LVEL05 Datasheet
55Kb / 3P
   2-Input Differential AND/NAND
1997 REV 0
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com