データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL16DT データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100EL16DT
部品情報  Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL16DT データシート(HTML) 5 Page - ON Semiconductor

  MC100EL16DT Datasheet HTML 1Page - ON Semiconductor MC100EL16DT Datasheet HTML 2Page - ON Semiconductor MC100EL16DT Datasheet HTML 3Page - ON Semiconductor MC100EL16DT Datasheet HTML 4Page - ON Semiconductor MC100EL16DT Datasheet HTML 5Page - ON Semiconductor MC100EL16DT Datasheet HTML 6Page - ON Semiconductor MC100EL16DT Datasheet HTML 7Page - ON Semiconductor MC100EL16DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL16, MC100EL16
http://onsemi.com
5
AC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −5.0 V (Note 15)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.75
GHz
tPLH
tPHL
Propagation Delay to Output
(Diff)
(SE)
125
75
250
250
375
425
175
125
250
250
325
375
205
155
280
280
355
405
ps
tSKEW
Duty Cycle Skew (Diff) (Note 16)
5
20
5
20
5
20
ps
tJITTER
Random Clock Jitter (RMS)
0.7
ps
VPP
Input Swing (Note 17)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
100
190
350
100
190
350
100
190
350
ps
15. 10 Series: VEE can vary +0.25 V / −0.5 V.
100 Series: VEE can vary +0.8 V / −0.5 V.
16. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
17. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈ 40.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
50
W
Q
D
50
W
VTT
VTT = VCC − 2.0 V


同様の部品番号 - MC100EL16DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL16DT ONSEMI-MC100EL16DT Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC100EL16DTR2 ONSEMI-MC100EL16DTR2 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTR2G ONSEMI-MC100EL16DTR2G Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
More results

同様の説明 - MC100EL16DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EP16 ONSEMI-MC10EP16 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
logo
SEMTECH ELECTRONICS LTD...
100EL16TA-TD SEMTECH_ELEC-100EL16TA-TD Datasheet
202Kb / 10P
   Differential Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com