データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFECP20E-5Q208I データシート(PDF) 8 Page - Lattice Semiconductor

部品番号 LFECP20E-5Q208I
部品情報  LatticeECP/EC Family Data Sheet
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFECP20E-5Q208I データシート(HTML) 8 Page - Lattice Semiconductor

Back Button LFECP20E-5Q208I Datasheet HTML 4Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 5Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 6Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 7Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 8Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 9Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 10Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 11Page - Lattice Semiconductor LFECP20E-5Q208I Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
2-5
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Modes of Operation
Each Slice is capable of four modes of operation: Logic, Ripple, RAM and ROM. The Slice in the PFF is capable of
all modes except RAM. Table 2-2 lists the modes and the capability of the Slice blocks.
Table 2-2. Slice Modes
Logic Mode: In this mode, the LUTs in each Slice are configured as 4-input combinatorial lookup tables. A LUT4
can have 16 possible input combinations. Any logic function with four inputs can be generated by programming this
lookup table. Since there are two LUT4s per Slice, a LUT5 can be constructed within one Slice. Larger lookup
tables such as LUT6, LUT7 and LUT8 can be constructed by concatenating other Slices.
Ripple Mode: Ripple mode allows the efficient implementation of small arithmetic functions. In ripple mode, the fol-
lowing functions can be implemented by each Slice:
• Addition 2-bit
• Subtraction 2-bit
• Add/Subtract 2-bit using dynamic control
• Up counter 2-bit
•Down counter 2-bit
• Ripple mode multiplier building block
• Comparator functions of A and B inputs
-A greater-than-or-equal-to B
-A not-equal-to B
-A less-than-or-equal-to B
Two additional signals: Carry Generate and Carry Propagate are generated per Slice in this mode, allowing fast
arithmetic functions to be constructed by concatenating Slices.
RAM Mode: In this mode, distributed RAM can be constructed using each LUT block as a 16x1-bit memory.
Through the combination of LUTs and Slices, a variety of different memories can be constructed.
The Lattice design tools support the creation of a variety of different size memories. Where appropriate, the soft-
ware will construct these using distributed memory primitives that represent the capabilities of the PFU. Table 2-3
shows the number of Slices required to implement different distributed RAM primitives. Figure 2-5 shows the dis-
tributed memory primitive block diagrams. Dual port memories involve the pairing of two Slices, one Slice functions
as the read-write port. The other companion Slice supports the read-only port. For more information on using RAM
in LatticeECP/EC devices, please see details of additional technical documentation at the end of this data sheet.
Table 2-3. Number of Slices Required For Implementing Distributed RAM
Logic
Ripple
RAM
ROM
PFU Slice
LUT 4x2 or LUT 5x1
2-bit Arithmetic Unit
SPR16x2
ROM16x1 x 2
PFF Slice
LUT 4x2 or LUT 5x1
2-bit Arithmetic Unit
N/A
ROM16x1 x 2
SPR16x2
DPR16x2
Number of slices
1
2
Note: SPR = Single Port RAM, DPR = Dual Port RAM


同様の部品番号 - LFECP20E-5Q208I

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LFECP20E-5Q208I LATTICE-LFECP20E-5Q208I Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
More results

同様の説明 - LFECP20E-5Q208I

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LFEC LATTICE-LFEC_05 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com