データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP16VADR2 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10EP16VADR2
部品情報  3.3V / 5VECL Differential Receiver/Driver with High Gain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP16VADR2 データシート(HTML) 2 Page - ON Semiconductor

  MC10EP16VADR2 Datasheet HTML 1Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 2Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 3Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 4Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 5Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 6Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 7Page - ON Semiconductor MC10EP16VADR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EP16VA, MC100EP16VA
http://onsemi.com
2
1
2
3
45
6
7
8
QHG
VEE
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
D
QHG
D
VBB
NC
PIN
FUNCTION
PIN DESCRIPTION
D*, D*
ECL Data Inputs
QHG, QHG
ECL High Gain Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
* Pins will default LOW when left open.
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL–94 V–0 @ 0.125 in
Transistor Count
167
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
–6
V
VI
PECL Mode Input Voltage
VEE = 0 V
VI  VCC
6
V
I
C
ode
u
o age
NECL Mode Input Voltage
EE
0
VCC = 0 V
I 
CC
VI  VEE
6
–6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
0 LFPM
500 LFPM
8 SOIC
8 SOIC
190
130
°C/W
°C/W
θJC
Thermal Resistance (Junction–to–Case)
std bd
8 SOIC
41 to 44
°C/W
θJA
Thermal Resistance (Junction–to–Ambient)
0 LFPM
500 LFPM
8 TSSOP
8 TSSOP
185
140
°C/W
°C/W
θJC
Thermal Resistance (Junction–to–Case)
std bd
8 TSSOP
41 to 44
°C/W
Tsol
Wave Solder
<2 to 3 sec @ 248
°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.


同様の部品番号 - MC10EP16VADR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP16VADR2 ONSEMI-MC10EP16VADR2 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VADR2G ONSEMI-MC10EP16VADR2G Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VADR2G ONSEMI-MC10EP16VADR2G Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com