データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL57D データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100EL57D
部品情報  4:1 Differential Multiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL57D データシート(HTML) 1 Page - ON Semiconductor

  MC100EL57D Datasheet HTML 1Page - ON Semiconductor MC100EL57D Datasheet HTML 2Page - ON Semiconductor MC100EL57D Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 1
© Motorola, Inc. 1996
1/95
4:1 Differential Multiplexer
The MC10/100EL57 is a fully differential 4:1 multiplexer. By leaving the
SEL1 line open (pulled LOW via the input pulldown resistors) the device
can also be used as a differential 2:1 multiplexer with SEL0 input
selecting between D0 and D1. The fully differential architecture of the
EL57 makes it ideal for use in low skew applications such as clock
distribution.
The SEL1 is the most significant select line. The binary number applied
to the select inputs will select the same numbered data input (i.e., 00
selects D0).
Multiple VBB outputs are provided for single-ended or AC coupled
interfaces. In these scenarios, the VBB output should be connected to the
data bar inputs and bypassed via a 0.01
µF capacitor to ground. Note that
the VBB output can source/sink up to 0.5mA of current without upsetting
the voltage level.
Useful as Either 4:1 or 2:1 Multiplexer
VBB Output for Single-Ended Operation
75kΩ Internal Input Pulldown Resistors
>1000V ESD Protection
D1
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
D0
D2
D2
D3
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
D3
D0
SEL0 SEL1
Q
Q
VBB1 VBB2 VEE
D1
4:1
ABSOLUTE MAXIMUM RATINGS1
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0V)
–8.0 to 0
VDC
VI
Input Voltage (VCC = 0V)
0 to –6.0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
–40 to +85
°C
VEE
Operating Range1,2
–5.7 to –4.2
V
1. Absolute maximum rating, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet.
2. Parametric values specified at:
10EL Series:
–4.94V to –5.50V
100EL Series:
–4.20V to –5.50V
D0
D1
D2
D3
MC10EL57
MC100EL57
PIN
FUNCTION
D0–3
Diff Data Inputs
SEL0,1
Mux Select Inputs
VBB
Reference Output
Q0
Data Outputs
PIN DESCRIPTION
SEL1
L
L
H
H
SEL0
L
H
L
H
DATA OUT
FUNCTION TABLE
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B-05
1
16


同様の部品番号 - MC100EL57D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL57D ONSEMI-MC100EL57D Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EL57DG ONSEMI-MC100EL57DG Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EL57DG ONSEMI-MC100EL57DG Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
MC100EL57DR2 ONSEMI-MC100EL57DR2 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EL57DR2G ONSEMI-MC100EL57DR2G Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
More results

同様の説明 - MC100EL57D

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com