データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4921-3U データシート(PDF) 9 Page - Infineon Technologies AG

部品番号 TLE4921-3U
部品情報  Dynamic Differential Hall Effect Sensor IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4921-3U データシート(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4921-3U Datasheet HTML 5Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 6Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 7Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 8Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 9Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 10Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 11Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 12Page - Infineon Technologies AG TLE4921-3U Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLE 4921-3U
Data Sheet
9
2000-07-01
Application Configurations
Two possible applications are shown in Figure 7 and 8 (Toothed and Magnet Wheel).
The difference between two-wire and three-wire application is shown in Figure 9.
Gear Tooth Sensing
In the case of ferromagnetic toothed wheel application the IC has to be biased by the
south or north pole of a permanent magnet (e.g. SmCO
5 (Vacuumschmelze VX145) with
the dimensions 8 mm
× 5mm × 3 mm) which should cover both Hall probes.
The maximum air gap depends on
– the magnetic field strength (magnet used; pre-induction) and
– the toothed wheel that is used (dimensions, material, etc.; resulting differential field)
Figure 5
Sensor Spacing
Figure 6
Toothed Wheel Dimensions
a centered distance
of Hall probes
b Hall probes to
IC surface
L IC surface to
tooth wheel
= 2.5 mm
= 0.3 mm
a
b
b
L
a
N
S
AEA01259
d
T
AEA01260
Conversion DIN – ASA
m = 25.4 mm/p
T = 25.4 mm CP
DIN
d
diameter (mm)
z
number of teeth
m
module
m = d/z (mm)
T
pitch
T =
π × m (mm)
ASA
p
diameter pitch
p
=
z/d (inch)
PD
pitch diameter PD =
z/p (inch)
CP
circular pitch
CP = 1 inch
× π/p


同様の部品番号 - TLE4921-3U

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
More results

同様の説明 - TLE4921-3U

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
TLE4924C-1E6547 INFINEON-TLE4924C-1E6547 Datasheet
89Kb / 6P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Melexis Microelectronic...
MLX90254 MELEXIS-MLX90254_12 Datasheet
215Kb / 10P
   Differential Dynamic Hall Effect Sensor
logo
Infineon Technologies A...
TLE4926C-HTNE6747 INFINEON-TLE4926C-HTNE6747 Datasheet
613Kb / 27P
   Dynamic Differential Hall Effect Sensor
April 2007 Version 3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com