データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5957 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL5957
部品情報  14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5957 データシート(HTML) 1 Page - Intersil Corporation

  ISL5957 Datasheet HTML 1Page - Intersil Corporation ISL5957 Datasheet HTML 2Page - Intersil Corporation ISL5957 Datasheet HTML 3Page - Intersil Corporation ISL5957 Datasheet HTML 4Page - Intersil Corporation ISL5957 Datasheet HTML 5Page - Intersil Corporation ISL5957 Datasheet HTML 6Page - Intersil Corporation ISL5957 Datasheet HTML 7Page - Intersil Corporation ISL5957 Datasheet HTML 8Page - Intersil Corporation ISL5957 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6080.1
ISL5957
14-Bit, +3.3V, 260+MSPS, High Speed D/A
Converter
The ISL5957 is a 14-bit, 260+MSPS (Mega Samples Per
Second), CMOS, high speed, low power, D/A (digital to
analog) converter, designed specifically for use in high
performance communication systems such as base
transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x57 family of high speed
converters, which include 10, 12, and 14-bit devices.
Features
• Low Power . . . . . 103mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(75dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power =71dB at 19.2MHz
• EDGE/GSM SFDR = 94dBc at 11MHz in 20MHz Window
• Pin compatible, 3.3V, Lower Power Replacement For The
AD9754 and HI5960
• Pb-Free Available (RoHS Compliant)
Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136,
IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Medical/Test Instrumentation
• Wireless Communication Systems
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
ISL5957
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
CLOCK
SPEED
ISL5957IB
-40 to 85 28 Ld SOIC
M28.3
260MHz
ISL5957IBZ
(See Note)
-40 to 85 28 Ld SOIC
(Pb-free)
M28.3
260MHz
ISL5957IA
-40 to 85 28 Ld TSSOP M28.173 260MHz
ISL5957IAZ
(See Note)
-40 to 85 28 Ld TSSOP
(Pb-free)
M28.173 260MHz
ISL5957EVAL1
25
SOIC Evaluation Platform 260MHz
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D13 (MSB)
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLK
DCOM
NC
AVDD
COMP
IOUTB
NC
FSADJ
REFIO
REFLO
SLEEP
DVDD
IOUTA
ACOM
Data Sheet
November 12, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL5957

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5957IAZ INTERSIL-ISL5957IAZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
logo
Renesas Technology Corp
ISL5957IAZ RENESAS-ISL5957IAZ Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

同様の説明 - ISL5957

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5927 INTERSIL-ISL5927 Datasheet
675Kb / 13P
   Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com