データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMM5321200C2W データシート(PDF) 7 Page - Samsung semiconductor

部品番号 KMM5321200C2W
部品情報  1Mx32 DRAM SIMM (1MX16 Base)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5321200C2W データシート(HTML) 7 Page - Samsung semiconductor

Back Button KMM5321200C2W Datasheet HTML 3Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 4Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 5Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 6Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 7Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 8Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 9Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 10Page - Samsung semiconductor KMM5321200C2W Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DRAM MODULE
KMM5321200C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 7 -
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
VIH(min) and VIL(max) are reference levels for measuring
timing of input signals. Transition times are measured
between VIH(min) and VIL(max) and are assumed to be 5ns
for all inputs.
Measured with a load equivalent to 2 TTL loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to V OH or
VOL.
tWCS is non-restrictive operating parameter. It is included in
the
data
sheet
as
electrical
characteristic s
only.
If
tWCS
tWCS(min), the cycle is an early write cycle and the
data out pin will remain high impedance for the duration of
the cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameter are referenced to the CAS leading edge in
early write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Fast page mode cycle time
tPC
35
40
ns
CAS precharge time(Fast page cycle)
tCP
10
10
ns
RAS pulse width(Fast page cycle)
tRASP
50
200K
60
200K
ns
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=5.0V±10%. See notes 1,2.)


同様の部品番号 - KMM5321200C2W

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KMM5321204C2W SAMSUNG-KMM5321204C2W Datasheet
286Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5321204C2WG SAMSUNG-KMM5321204C2WG Datasheet
286Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
More results

同様の説明 - KMM5321200C2W

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KMM5321204C2W SAMSUNG-KMM5321204C2W Datasheet
286Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
logo
White Electronic Design...
EDI416S4030A WEDC-EDI416S4030A Datasheet
1Mb / 27P
   1Mx16 Bits x 4 Banks Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com