データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLPC900 データシート(PDF) 20 Page - Texas Instruments

部品番号 DLPC900
部品情報  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 データシート(HTML) 20 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 16Page - Texas Instruments DLPC900_V01 Datasheet HTML 17Page - Texas Instruments DLPC900_V01 Datasheet HTML 18Page - Texas Instruments DLPC900_V01 Datasheet HTML 19Page - Texas Instruments DLPC900_V01 Datasheet HTML 20Page - Texas Instruments DLPC900_V01 Datasheet HTML 21Page - Texas Instruments DLPC900_V01 Datasheet HTML 22Page - Texas Instruments DLPC900_V01 Datasheet HTML 23Page - Texas Instruments DLPC900_V01 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
20
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
Refer to I/O Type and Subscript Definition (Table 1).
Power and Ground Pin Functions
PIN
I/O TYPE (1)
DESCRIPTION
NAME
NUMBER
VDD33
F20, F17, F11, F8, L21, R21, Y21,
PWR
3.3-V I/O power
AA19, AA16, AA10, AA7
VDD18
C1, F5, G6, K6, M5, P5, T5,
PWR
1.8-V internal DRAMVDD and LVDSAVD I/O power
(To shut this power down in a system low-power mode, see
the System Power-Up Sequence.)
W6, AA5, AE1, H5, N6, T6,
AA13, U21, P21, H21, F14
VDDC
F19, F16, F13, F10, F7, H6, L6,
PWR
1.15-V core power
P6, U6, Y6, AA8, AA11, AA14, AA17,
AA20, W21, T21, N21, K21, G21, L11,
T11, T16, L16
PLLD_VDD
L22
PWR
1.15-V DMD clock generator PLL
Digital power
PLLD_VSS
L23
GND
1.15-V DMD clock generator PLL
Digital GND
PLLD_VAD
K25
PWR
1.8-V DMD clock generator PLL
Analog power
PLLD_VAS
K26
GND
1.8-V DMD clock generator PLL
Analog GND
PLLM1_VDD
L26
PWR
1.15-V master-LS clock generator PLL
Digital power
PLLM1_VSS
M22
GND
1.15-V master-LS clock generator PLL
Digital GND
PLLM1_VAD
L24
PWR
1.8-V master-LS clock generator PLL
Analog power
PLLM1_VAS
L25
GND
1.8-V master-LS clock generator PLL
Analog GND
PLLM2_VDD
P23
PWR
1.15-V master-HS clock generator PLL
Digital power
PLLM2_VSS
P24
GND
1.15-V master-HS clock generator PLL
Digital GND
PLLM2_VAD
R25
PWR
1.8-V master-HS clock generator PLL
Analog power
PLLM2_VAS
R26
GND
1.8-V master-HS clock generator PLL
Analog GND
PLLS_VAD
R23
PWR
1.15-V video-2X clock generator PLL
Analog power
PLLS_VAS
R24
GND
1.15-V video-2X clock generator PLL
Analog GND
L_VDQPAD_[7:0],
R_VDQPAD_[7:0]
B18, D18, B17, E17, A18, C18, A17,
RES
DRAM direct test pins (for manufacturing use only). These
pins should be tied directly to ground for normal operation.
D17, AE17, AC17, AF17, AC18, AB16,
AD17,
AB17, AD18
CFO_VDD33
AE26
RES
DRAM direct test control pin (for manufacturing use only).
This pin should be tied directly to 3.3 I/O power (VDD33) for
normal operation.
VTEST1, VTEST2,
VTEST3, VTEST4
AB14, AB15, E15, E16
RES
DRAM direct test control pins (for manufacturing use only).
These pins should be tied directly to ground for normal
operation.
LVDS_AVS1,
LVDS_AVS2
V5, K5
PWR
Dedicated ground for LVDS bandgap reference. These pins
should be tied directly to ground for normal operation.
VPGM
AC6
PWR
Fuse programming pin (for manufacturing use only). This
pin should be tied directly to ground for normal operation.


同様の部品番号 - DLPC900_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

同様の説明 - DLPC900_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com