データシートサーチシステム |
|
GRM1885C2A5R0WA01 データシート(PDF) 20 Page - Murata Manufacturing Co., Ltd |
|
GRM1885C2A5R0WA01 データシート(HTML) 20 Page - Murata Manufacturing Co., Ltd |
20 / 30 page (2) Example of a Disc Separator An outline of a disc separator is shown as follows. As shown in the Principle of Operation, the top blade and bottom blade are aligned with the V-grooves on the printed circuit board to separate the board. In the following case, board deflection stress will be applied and cause cracks in the capacitors. (1) When the adjustment of the top and bottom blades are misaligned, such as deviating in the top-bottom, left-right or front-rear directions (2) The angle of the V groove is too low, depth of the V groove is too shallow, or the V groove is misaligned top-bottom IF V groove is too deep, it is possible to brake when you handle and carry it. Carefully design depth of the V groove with consideration about strength of material of the printed circuit board. [ Outline of Machine ] [ Principle of Operation ] [ Cross-section Diagram ] [ Disc Separator ] Top Blade Top Blade Top Blade Top Blade Bottom Blade Bottom Blade Bottom Blade Bottom Blade [ V-groove Design ] (3) Example of Router Type Separator The router type separator performs cutting by a router rotating at a high speed. Since the board does not bend in the cutting process, stress on the board can be suppressed during board separation. When attaching or removing boards to/from the router type separator, carefully handle the boards to prevent bending. Depth too Deep Recommended Not recommended Top-bottom Misalignment Left-right Misalignment Front-rear Misalignment Example of Recommended V-groove Design Not Recommended Left-right Misalignment Low-Angle Depth too Shallow Printed Circuit Board Top Blade V-groove Bottom Blade Top Blade Printed Circuit Board V-groove [ Outline Drawing ] Router GRM1885C2A5R0WA01-01A |
同様の部品番号 - GRM1885C2A5R0WA01 |
|
同様の説明 - GRM1885C2A5R0WA01 |