データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP31D データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10EP31D
部品情報  D Flip Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31D データシート(HTML) 1 Page - ON Semiconductor

  MC10EP31D Datasheet HTML 1Page - ON Semiconductor MC10EP31D Datasheet HTML 2Page - ON Semiconductor MC10EP31D Datasheet HTML 3Page - ON Semiconductor MC10EP31D Datasheet HTML 4Page - ON Semiconductor MC10EP31D Datasheet HTML 5Page - ON Semiconductor MC10EP31D Datasheet HTML 6Page - ON Semiconductor MC10EP31D Datasheet HTML 7Page - ON Semiconductor MC10EP31D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 5
1
Publication Order Number:
MC10EP31/D
MC10EP31, MC100EP31
3.3V / 5VECL D Flip-Flop
with Set and Reset
The MC10/100EP31 is a D flip–flop with set and reset. The device
is pin and functionally equivalent to the EL31 and LVEL31 devices.
With AC performance much faster than the EL31 and LVEL31
devices, the EP31 is ideal for applications requiring the fastest AC
performance available. Both set and reset inputs are asynchronous,
level triggered signals. Data enters the master portion of the flip–flop
when CLK is low and is transferred to the slave, and thus the outputs,
upon a positive transition of the CLK.
The 100 Series contains temperature compensation.
340 ps Typical Propagation Delay
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = –3.0 V to –5.5 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at V
EE
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10EP31D
SO–8
98 Units/Rail
MC10EP31DR2
SO–8
2500 Tape & Reel
MC100EP31D
SO–8
98 Units/Rail
MC100EP31DR2
SO–8
2500 Tape & Reel
MC10EP31DT
TSSOP–8
100 Units/Rail
MC10EP31DTR2
TSSOP–8
2500 Tape & Reel
MC100EP31DT
TSSOP–8
100 Units/Rail
MC100EP31DTR2 TSSOP–8
2500 Tape & Reel
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
H = MC10
K = MC100
A = Assembly Location
SO–8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP–8
DT SUFFIX
CASE 948R
ALYW
KEP31
ALYW
HP31
HEP31
ALYW
ALYW
KP31
1
8
1
8
1
8
1
8
1
8
1
8


同様の部品番号 - MC10EP31D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP31D ONSEMI-MC10EP31D Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31D ONSEMI-MC10EP31D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC10EP31DR2 ONSEMI-MC10EP31DR2 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
More results

同様の説明 - MC10EP31D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com