データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2002MPX データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN2002MPX
部品情報  1A High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2002MPX データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2002MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
UVLO and Soft Start
The reference and the circuit remain reset until the VIN crosses
its UVLO threshold.
The FAN2001/FAN2002 has an internal soft-start circuit that
limits the in-rush current during start-up. This prevents possible
voltage drops of the input voltage and eliminates the output volt-
age overshoot. The soft-start is implemented as a digital circuit
increasing the switch current in four steps to the P-channel cur-
rent limit (1500mA). Typical start-up time for a 20µF output
capacitor and a load current of 1000mA is 800µs.
Short Circuit Protection
The switch peak current is limited cycle-by-cycle to a typical
value of 1500mA. In the event of an output voltage short circuit,
the device operates with a frequency of 400kHz and minimum
duty cycle, therefore the average input current is typically
200mA.
Thermal Shutdown
When the die temperature exceeds 150°C, a reset occurs and
will remain in effect until the die cools to 130°C, at that time the
circuit will be allowed to restart.
Applications Information
Setting the Output Voltage
The internal reference is 0.8V (Typical). The output voltage is
divided by a resistor divider, R1 and R2 to the FB pin. The out-
put voltage is given by:
Where R1 + R2 < 800KΩ.
According to this equation, and assuming desired output volt-
age of 1.5096V, and given R2 = 10K
Ω, the calculated value of
R1 is 8.87K
Ω. If quiescent current is a key design parameter a
higher value feedback resistor can be used (e.g. R2 = 100K
Ω)
and a small bypass capacitor of 10pF is required in parallel with
the upper resistor as shown in Figure 4.
Figure 4. Setting the Output Voltage
Inductor Selection
The inductor parameters directly related to the device’s perfor-
mances are saturation current and dc resistance. The FAN2001/
FAN2002 operates with a typical inductor value of 3.3µH. The
lower the dc resistance, the higher the efficiency. For saturation
current, the inductor should be rated higher than the maximum
load current plus half of the inductor ripple current.
This is calculated as follows:
where:
∆IL = Inductor Ripple Current
f = Switching Frequency
L = Inductor Value
Some recommended inductors are suggested in the table
below:
Table 1: Recommended Inductors
Capacitors Selection
For best performances, a low ESR input capacitor is required. A
ceramic capacitor of at least 10µF, placed as close to the VIN
and AGND pins of the device is recommended. The output
capacitor determines the output ripple and the transient
response.
Table 2: Recommended Capacitors
PCB Layout Recommendations
The recommended PCB layout is shown in Figures 5 and 6. The
inherently high peak currents and switching frequency of power
supplies require a careful PCB layout design.
Figure 5. Recommended PCB Layout (FAN2001)
V
OUT
V
REF 1
R
1
R
2
-------
+


=
Cf
2 x 10
µF
10
µF
VOUT
EN
SW
CIN
COUT
1.2V (1A)
1
2
3
6
5
4
FB
PGND
VIN
NC
P1
(AGND)
3.3
µH
R1
100K
50K
R2
Inductor Value
Vendor
Part Number
3.3µH
Panasonic
ELL6PM3R3N
3.3µH
Murata
LQS66C3R3M04
Capacitor
Value
Vendor
Part Number
10µF
Taiyo Yuden
JMK212BJ106MG
JMK316BJ106KL
TDK
C2012X5ROJ106K
C3216X5ROJ106M
Murata
GRM32ER61C106K
∆I
L
V
OUT
1V
OUT VIN
()
Lf
×
-----------------------------------------
×
=


同様の部品番号 - FAN2002MPX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN2002MPX ONSEMI-FAN2002MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

同様の説明 - FAN2002MPX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com