データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2002MPX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN2002MPX
部品情報  1A High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2002MPX データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN2002MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2002MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FAN2001/FAN2002 Rev. 1.0.2
1
www.fairchildsemi.com
April 2005
©2005 Fairchild Semiconductor Corporation
FAN2001/FAN2002
1A High-Efficiency Step-Down DC-DC Converter
Features
■ 96% Efficiency, Synchronous Operation
■ Adjustable Output Voltage Options from 0.8V to VIN
■ 2.5V to 5.5V Input Voltage Range
■ Up to 1A Output Current
■ Fixed Frequency 1.3MHz PWM Operation
■ High Efficiency Power Save Mode
■ 100% Duty Cycle Low Dropout Operation
■ Soft Start
■ Output Over-Voltage Protection
■ Dynamic Output Voltage Positioning
■ 25µA Quiescent Current
■ Thermal Shutdown and Short Circuit Protection
■ Pb-Free 3x3mm 6-Lead MLP Package
Applications
■ Pocket PCs, PDAs
■ Cell Phones
■ Battery-Powered Portable Devices
■ Digital Cameras
■ Hard Disk Drives
■ Set-Top-Boxes
■ Point-of-Load Power
■ Notebook Computers
■ Communications Equipment
Description
Designed for use in battery-powered applications, the FAN2001/
FAN2002 is a high-efficiency, low-noise synchronous PWM cur-
rent mode and Pulse Skip (Power Save) mode DC-DC con-
verter. It can provide up to 1A of output current over a wide input
range from 2.5V to 5.5V. The output voltage can be externally
adjusted over a wide range of 0.8V to 5.5V by means of an
external voltage divider.
At moderate and light loads, pulse skipping modulation is used.
Dynamic voltage positioning is applied, and the output voltage is
shifted 0.8% above nominal value for increased headroom dur-
ing load transients. At higher loads the system automatically
switches over to current mode PWM control, operating at 1.3
MHz. A current mode control loop with fast transient response
ensures excellent line and load regulation. To achieve high effi-
ciency and ensure long battery life, the quiescent current is
reduced to 25µA in Power Save mode, and the supply current
drops below 1µA in shut-down mode. The FAN2001/FAN2002 is
available in a 3x3mm 6-lead MLP package.
Typical Application
Figure 1. Typical Application
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
EN
P1
(AGND)
L1
R2
R1
VOUT
2 x 10
µF
3.3
µH
10
µF
10K
5K
1.2V (1A)
FAN2002
2 x 10
µF
10
µF
V
OUT
EN
SW
C
IN
C
OUT
1.2V (1A)
1
2
3
6
5
4
FB
PGND
VIN
NC
P1
(AGND)
3.3
µH
R1
10K
5K
R2
FAN2001


同様の部品番号 - FAN2002MPX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN2002MPX ONSEMI-FAN2002MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

同様の説明 - FAN2002MPX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com