データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP89DR2 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10EP89DR2
部品情報  Coaxial Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89DR2 データシート(HTML) 4 Page - ON Semiconductor

  MC10EP89DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EP89
http://onsemi.com
4
DC CHARACTERISTICS, LVPECL (VCC = 3.3V ± 0.01V, VEE = 0V) (Note 12.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 9.)
22
28
34
24
32
38
28
34
40
mA
VOH
Output HIGH Voltage
(Note 10.)
2080
2180
2280
2150
2250
2350
2225
2325
2425
mV
VOL
Output LOW Voltage
(Note 10.)
620
720
820
630
730
830
670
770
870
mV
VIH
Input HIGH Voltage
Single Ended
2070
2410
2170
2490
2240
2580
mV
VIL
Input LOW Voltage
Single Ended
1350
1800
1350
1820
1350
1855
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Note 11.)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
D
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
9. VCC = 3.3V, VEE = 0V, all other pins floating.
10. All loading with 50 ohms to VCC–3.0 volts.
11. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
12. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, PECL (VCC = 5.0V ± 0.5V, VEE = 0V) (Note 16.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 13.)
27
34
41
30
37
44
32
39
46
mA
VOH
Output HIGH Voltage
(Note 14.)
3780
3880
3980
3850
3950
4050
3925
4025
4125
mV
VOL
Output LOW Voltage
(Note 14.)
2075
2225
2375
2060
2210
2360
2090
2240
2390
mV
VIH
Input HIGH Voltage
Single Ended
3770
4110
3870
4190
3940
4280
mV
VIL
Input LOW Voltage
Single Ended
3050
3500
3050
3520
3050
3555
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Note 15.)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
D
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
13. VCC = 5.0V, VEE = 0V, all other pins floating.
14. All loading with 50 ohms to VCC–3.0 volts.
15. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
16. Input and output parameters vary 1:1 with VCC.


同様の部品番号 - MC10EP89DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP89DR2 ONSEMI-MC10EP89DR2 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89DR2 ONSEMI-MC10EP89DR2 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EP89DR2G ONSEMI-MC10EP89DR2G Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89DR2G ONSEMI-MC10EP89DR2G Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
More results

同様の説明 - MC10EP89DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com