データシートサーチシステム |
|
TC6504N015VCT データシート(PDF) 3 Page - Microchip Technology |
|
TC6504N015VCT データシート(HTML) 3 Page - Microchip Technology |
3 / 17 page 2004 Microchip Technology Inc. DS21451D-page 3 TC6501/2/3/4 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise noted, VCC = 5.0V, RPULL-UP = 100 kΩ (TC6501/TC6503 only), 100 pF decoupling capacitor from VCC to GND, TAMB = +25°C. . FIGURE 2-1: Trip Threshold Accuracy. FIGURE 2-2: Output Sink Resistance vs. Temperature. FIGURE 2-3: Thermal Step Response in Perfluorinated Fluid (SOT-23). FIGURE 2-4: Supply Current vs. Temperature. FIGURE 2-5: Hysteresis vs. Trip Temperature. FIGURE 2-6: Thermal Step Response in Still Air (SOT-23). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. -5 -3 -4 -1 -2 1 03 2 5 4 Accuracy (˚C) 60 50 40 30 20 10 0 010 20 30 40 50 Temperature (˚C) 80 70 60 50 40 30 20 10 0 60 70 80 90 100 VCC = 2.7V VCC = 4.0V VCC = 5.0V +15˚C/div +100˚C +25˚C 5sec/div Mounted On 0.75 in2 of 2 oz. Copper -60 -40 -20 0 20 40 Temperature (˚C) 40 35 30 25 20 15 10 5 0 60 80 100 120 140 Trip Temperature (˚C) -45 12 10 8 6 4 2 0 -25 -5 15 35 55 75 95 115 HYS = GND HYST = VCC TC6503/04 TC6503/04 TC6501/02 TC6501/02 +12.5 C/div +100˚C +25˚C 20sec/div Mounted On 0.75 in2 of 2 oz. Copper |
同様の部品番号 - TC6504N015VCT |
|
同様の説明 - TC6504N015VCT |