データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC05-24S33 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FDC05-24S33
部品情報  5 WATTS OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FDC05-24S33 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FDC05-24S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC05-24S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Output power
5 Watts max
Voltage accuracy
Full load and nominal Vin
± 2%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
10% to 100% FL Single
Dual
± 0.2%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
50mVp-p
Temperature coefficient
I0.02% / ºC, max
Transient response
recovery time
25% load step change
FL to 1/2 FL
I1% error band
Single 200uS
Dual 200uS
Over load protection
% of FL at nominal input
170% typ
Short circuit protection
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
FDC05
FDC05-W
12V nominal input
24V nominal input
48V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 2)
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and constant resistor load
600mS typ
Remote ON/OFF (Note 3)
(Positive logic)
(Negative logic)
Remote off input current
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Nominal Vin
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3.5V < Vr < 12V
2.5mA
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation Voltage
Input to Output to Case
1600VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
300pF, max
Switching frequency
Standard
“W” series
300KHz, typ
200KHz, typ
Approvals and standard
IEC60950, UL1950, EN60950
Case material
Nickel-coated copper
Base material
Non-conducted black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8 X 25.4 X 10.2 mm)
Weight
27g (0.95oz)
MTBF (Note 4)
3.145 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
(Reference derating curve)
Standard
M1 (Note 5)
M2 (W series)
-25ºC ~ +85ºC (with derating)
-40ºC ~ +85ºC (non-derating)
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance (Note 6)
Nature convection
Nature convection with heat-sink
12ºC/watt
10ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level A
Radiated emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria2
Radiated immunity
EN61000-4-3
Perf. Criteria2
Fast transient
EN61000-4-4
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Conducted immunity
EN61000-4-6
Perf. Criteria2
The FDC05 and FDC05-W series offer 5 watts of output power from a 2 x 1 x 0.4 inch
package without derating to 71ºC ambient temperature. FDC05 series have 2:1 wide input
voltage of 9-18, 18-36 and 36-75VDC. FDC05-W series have 4:1 ultra wide input voltage of
9-36 and 18-75VDC. The FDC05 and FDC05-W features 1600VDC of isolation, short-circuit
protection, as well as six sided shielding. The safety approve with EN60950 and UL1950. All
models are particularly suited to telecommunications, industrial, mobile telecom and test
equipment applications. According the extended operation temperature range, there are
“M1” and “M2” version for special application.
T E CH NICA L SPE CI FIC A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
UL
E193009
TUV R3-50007936
CB
JPTUV-003641
CE MARK
5 WATTS OUTPUT POWER
2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
SIX-SIDED CONTINUOUS SHIELD
HIGH EFFICIENCY UP TO 83%
STANDARD 2” X 1” X 0.4” PACKAGE
FIXED SWITCHING FREQUENCY


同様の部品番号 - FDC05-24S33

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
FDC05-24S33 ASTRODYNE-FDC05-24S33 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC05-24S33 P-DUKE-FDC05-24S33 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
FDC05-24S33 P-DUKE-FDC05-24S33 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC05-24S33 ASTRODYNE-FDC05-24S33 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

同様の説明 - FDC05-24S33

メーカー部品番号データシート部品情報
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FDC05-12S33 P-DUKE-FDC05-12S33 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Power Mate Technology C...
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com