データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74SSTV32852ZKFR データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74SSTV32852ZKFR
部品情報  24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTV32852ZKFR データシート(HTML) 5 Page - Texas Instruments

  SN74SSTV32852ZKFR Datasheet HTML 1Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 2Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 3Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 4Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 5Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 6Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 7Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 8Page - Texas Instruments SN74SSTV32852ZKFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74SSTV32852
24-BIT TO 48-BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES361C – AUGUST 2001 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 2.5 V
± 0.2 V
UNIT
MIN
MAX
fclock
Clock frequency
200
MHz
tw
Pulse duration, CLK, CLK high or low
2.5
ns
tact
Differential inputs active time (see Note 5)
22
ns
tinact
Differential inputs inactive time (see Note 6)
22
ns
t
Setup time
Fast slew rate (see Notes 7 and 9)
Dt bf
CLK
↑ CLK↓
0.75
ns
tsu
Setup time
Slow slew rate (see Notes 8 and 9)
Data before CLK
↑, CLK↓
0.9
ns
th
Hold time
Fast slew rate (see Notes 7 and 9)
Data after CLK
↑ CLK↓
0.75
ns
th
Hold time
Slow slew rate (see Notes 8 and 9)
Data after CLK
↑, CLK↓
0.9
ns
NOTES:
5. VREF must be held at a valid input level, and data inputs must be held low for a minimum time of tact max, after RESET is taken high.
6. VREF, data, and clock inputs must be held at valid voltage levels (not floating) for a minimum time of tinact max, after RESET is taken
low.
7. Data signal input slew rate
≥1 V/ns
8. Data signal input slew rate
≥0.5 V/ns and <1 V/ns
9. CLK, CLK input slew rates are
≥1 V/ns.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
fmax
200
MHz
tpd
CLK and CLK
Q
1.1
3.1
ns
tPHL
RESET
Q
5
ns


同様の部品番号 - SN74SSTV32852ZKFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTV32852ZKFR TI1-SN74SSTV32852ZKFR Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
More results

同様の説明 - SN74SSTV32852ZKFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852_09 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16842 RENESAS-HD74SSTV16842 Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
logo
Alliance Semiconductor ...
ASM4SSTVF32852 ALSC-ASM4SSTVF32852 Datasheet
105Kb / 13P
   DDR 24-Bit to 48-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS32852 ICST-ICS32852 Datasheet
126Kb / 7P
   DDR 24-Bit to 48-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10