データシートサーチシステム |
|
74HC4052BQ-Q100 データシート(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
74HC4052BQ-Q100 データシート(HTML) 11 Page - Nexperia B.V. All rights reserved |
11 / 26 page © Nexperia B.V. 2017. All rights reserved 74HC_HCT4052_Q100 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 2 — 22 November 2012 11 of 26 Nexperia 74HC4052-Q100; 74HCT4052-Q100 Dual 4-channel analog multiplexer/demultiplexer [1] All typical values are measured at Tamb =25 C. VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - - 0.8 V II input leakage current VI =VCC or GND; VCC = 5.5 V; VEE = 0 V - - 1.0 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 1.0 A all channels - - 2.0 A IS(ON) ON-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 12 -- 2.0 A ICC supply current VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 5.5 V; VEE = 0 V - - 160.0 A VCC = 5.0 V; VEE = 5.0 V - - 320.0 A I CC additional supply current per input; VI =VCC 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V; VEE = 0 V - - 220.5 A Table 8. Static characteristics for 74HCT4052-Q100 …continued Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Vis = VCC and Vos = VEE. Vis = VEE and Vos = VCC. Fig 11. Test circuit for measuring OFF-state current 001aan383 Yn Sn from select input Z GND VEE VCC Vis Vos Isw A Isw A Vis = VCC and Vos = open-circuit. Vis = VEE and Vos = open-circuit. Fig 12. Test circuit for measuring ON-state current Isw A 001aan384 Yn Sn HIGH from select input Z GND VEE VCC Vis Vos |
同様の部品番号 - 74HC4052BQ-Q100 |
|
同様の説明 - 74HC4052BQ-Q100 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |