データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H135 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H135
部品情報  Dual J-K Master-Slave Flip-Flop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H135 データシート(HTML) 1 Page - ON Semiconductor

  MC10H135 Datasheet HTML 1Page - ON Semiconductor MC10H135 Datasheet HTML 2Page - ON Semiconductor MC10H135 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–89
REV 6
© Motorola, Inc. 1996
9/96
Dual J-K Master-Slave
Flip-Flop
The MC10H135 is a dual J–K master–slave flip–flop. The device is provided
with an asynchronous set(s) and reset(R). These set and reset inputs overide
the clock.
A common clock is provided with separate J–K inputs. When the clock is
static, the JK inputs do not effect the output. The output states of the flip flop
change on the positive transition of the clock.
• Propagation delay, 1.5 ns Typical
• Improved Noise Margin 150
• Power Dissipation, 280 mW
mV (Over Operating Voltage
Typical/Pkg. (No Load)
and Temperature Range)
• ftog 250 MHz Max•
Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
75
68
75
mA
Input Current High
Pins 6, 7, 10, 11
Pins 4, 5, 12, 13
Pin 9
IinH
460
800
675
285
500
420
285
500
420
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Set, Reset, Clock
tpd
0.7
2.6
0.7
2.6
0.7
2.6
ns
Rise Time
tr
0.7
2.2
0.7
2.2
0.7
2.2
ns
Fall Time
tf
0.7
2.2
0.7
2.2
0.7
2.2
ns
Set–up Time
tset
1.5
1.5
1.5
ns
Hold Time
thold
1.0
1.0
1.0
ns
Toggle Frequency
ftog
250
250
250
MHz
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit
board and transverse air flow greater than 500 Ifpm is maintained. Outputs are terminated through a
50–ohm resistor to –2.0 volts.
LOGIC DIAGRAM
DIP PIN ASSIGNMENT
VCC1
Q1
Q1
R1
S1
K1
J1
VEE
VCC2
Q2
Q2
R2
S2
K2
J2
C
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MC10H135
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
S1 5
J1 7
K1 6
R1 4
C 9
S2 12
J2 10
K2 11
R2 13
Q1
Q1
Q2
Q2
2
3
15
14
N.D. = Not Defined
RS TRUTH TABLE
RS
Qn + 1
L
L
L
H
L
H
Qn
H
L
N.D.
H
H
*Output states change on
positive transition of clock
for J–K input condition
present.
CLOCK J–K TRUTH TABLE*
J
K
Qn + 1
L
H
L
L
H
H
Qn
L
H
Qn
L
H
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


同様の部品番号 - MC10H135

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
154Kb / 7P
   Dual J?묷 Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 8
MC10H135 ONSEMI-MC10H135 Datasheet
140Kb / 5P
   Dual J?륦 Master?륲lave Flip?륡lop
August, 2016 ??Rev. 9
MC10H135FN ONSEMI-MC10H135FN Datasheet
154Kb / 7P
   Dual J?묷 Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 8
MC10H135FNG ONSEMI-MC10H135FNG Datasheet
154Kb / 7P
   Dual J?묷 Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 8
MC10H135FNG ONSEMI-MC10H135FNG Datasheet
140Kb / 5P
   Dual J?륦 Master?륲lave Flip?륡lop
August, 2016 ??Rev. 9
More results

同様の説明 - MC10H135

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
   CMOS Dual J-K Master-Slave Flip-Flop
December 1992
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com