データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H210 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H210
部品情報  Dual 3-Input 3-Output OR Gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H210 データシート(HTML) 1 Page - ON Semiconductor

  MC10H210 Datasheet HTML 1Page - ON Semiconductor MC10H210 Datasheet HTML 2Page - ON Semiconductor MC10H210 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–293
REV 5
© Motorola, Inc. 1996
3/93
Dual 3-Input 3-Output OR
Gate
The MC10H210 is designed to drive up to six transmission lines simultan–
eously. The multiple outputs of this device also allow the wire “OR”–ing of
several levels of gating for minimization of gate and package count.
The ability to control three parallel lines with minimum propagation delay
from a single point makes the MC10H210 particularly useful in clock distribution
applications where minimum clock skew is desired.
• Propagation Delay Average, 1.0 ns Typical
• Power Dissipation, 160 mW Typical
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
42
38
42
mA
Input Current High
IinH
720
450
450
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
tpd
0.5
1.55
0.55
1.55
0.6
1.7
ns
Rise Time
tr
0.75
1.8
0.75
1.9
0.8
2.0
ns
Fall Time
tf
0.75
1.8
0.75
1.9
0.8
2.0
ns
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed
circuit board and transverse air flow greater than 500 Iinear fpm is maintained. Outputs are terminated
through a 50–ohm resistor to –2.0 volts.
Note: If crosstalk is present, double bypass capacitor to 0.2
µF.
MC10H210
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
AOUT
AIN
AIN
AIN
VEE
VCC2
VCC1
BOUT
BOUT
BOUT
BIN
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
12
11
10
9
13
14
2
7
6
5
3
4
VCC1 = PINS 1, 15
VCC2 = PIN 16
VEE = PIN 8
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


同様の部品番号 - MC10H210

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H210 ONSEMI-MC10H210 Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
MC10H210FN ONSEMI-MC10H210FN Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
MC10H210FNG ONSEMI-MC10H210FNG Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
MC10H210FNR2 ONSEMI-MC10H210FNR2 Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
MC10H210FNR2G ONSEMI-MC10H210FNR2G Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
More results

同様の説明 - MC10H210

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10210 MOTOROLA-MC10210 Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110 ONSEMI-MC10110 Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10212 MOTOROLA-MC10212 Datasheet
74Kb / 5P
   High Speed Dual 3-Input/3-Output OR/NOR Gate
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC1G332-Q100 NEXPERIA-74LVC1G332-Q100 Datasheet
198Kb / 11P
   3-input OR gate
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
   Triple 3-input OR Gate
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com