データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3021-KT データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SI3021-KT
部品情報  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SI3021-KT データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI3021-KT Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Si3038
Rev. 2.01
7
Table 5. AC Characteristics
(VD = 3.0 to 5.25 V, VA = Charge Pump, TA = 0 to 70°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Transmit Frequency Response
Low –3 dBFS Corner
0
Hz
Receive Frequency Response
Low –3 dBFS Corner
5
Hz
Transmit Full Scale Level1
VFS
—1
VPEAK
Receive Full Scale Level1,2
VFS
—1
VPEAK
Dynamic Range3
DR
ACT=0, DCT=10
(FCC), IL = 100 mA
—82
dB
Dynamic Range3
DR
ACT=0, DCT=01
(Japan), IL =20mA
—83
dB
Dynamic Range3
DR
ACT = 1, DCT = 11
(CTR21), IL =60mA
—84
dB
Transmit Total Harmonic Distortion4
THD
ACT = 0, DCT = 10
(FCC), IL = 100 mA
—–85
dB
Transmit Total Harmonic Distortion4
THD
ACT = 0, DCT = 01
(Japan), IL =20mA
—–76
dB
Receive Total Harmonic Distortion4
THD
ACT = 0, DCT = 01
(Japan), IL =20mA
—–74
dB
Receive Total Harmonic Distortion4
THD
ACT = 1, DCT = 11
(CTR21), IL =60mA
—–82
dB
Dynamic Range (call progress AOUT)
DRAO
VIN = 1 kHz
60
dB
THD (call progress AOUT)
THDAO
VIN = 1 kHz
1.0
%
AOUT Full Scale Level
0.75 VD
—VPP
AOUT Output Impedance
10
k
Mute Level (call progress AOUT)
–90
dBFS
Dynamic Range (Caller ID mode)
DRCID
VIN = 1 kHz, –13 dBFS
60
dB
Caller ID Full Scale Level (0 dB gain)
VCID
—0.8
VPEAK
Notes:
1. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1 on page 5.
2. Receive full scale level will produce –0.9 dBFS.
3. DR = 20 log |Vin| + 20 log (RMS signal/RMS noise). Measurement bandwidth is 300 to 3400 Hz. Applies to both
transmit and receive paths. Vin = 1 kHz, –3 dBFS, Fs = 10300 Hz.
4. THD = 20 log (RMS distortion/RMS signal). Vin = 1 kHz, –3 dBFS, Fs = 10300 Hz.


同様の部品番号 - SI3021-KT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI3021-KT ETC-SI3021-KT Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

同様の説明 - SI3021-KT

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com