データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-2300-060 データシート(PDF) 5 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-2300-060
部品情報  8 MBd Low Input Current Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2300-060 データシート(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-2300-060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCPL-2300 Option 060 only)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 V rms
I-IV
for rated mains voltage
≤ 450 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
VPR
1181
V peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec,
VPR
945
V peak
Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 11, Thermal Derating curve.)
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN
60747-5-2, for a detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in
application.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
VFL
-2.5
0.8
V
Input Current High Level
0
°C to 85°CIFH
0.5
1.0
mA
-40
°C to 85°C
0.5
0.75
Supply Voltage, Output
VCC
4.75
5.25
V
Fan Out (TTL Load)
N
5
Operating Temperature
TA
-40
85
°C
Absolute Maximum Ratings
(No Derating Required up to 55
°C)
Storage Temperature, TS ............................................. -55°C to +125°C
Operating Temperature, TA ........................................... -40°C to +85°C
Lead Solder Temperature, max .......................................... 260
°C for 10 s
(1.6 mm below seating plane)
Average Forward Input Current - IF............................................ 5 mA[2]
Reverse Input Voltage, VR .............................................................. 3.0 V
Supply Voltage, VCC ............................................................... 0 V to 7.0 V
Pull-Up Resistor Voltage, VRL ............................................. -0.5 V to VCC
Output Collector Current, IO ............................................ -25 to 25 mA
Input Power Dissipation, PI ........................................................ 10 mW
Output Collector Power Dissipation, PO ..................................... 40 mW
Output Collector Voltage, VO ........................................... -0.5 V to 18 V
Infrared and Vapor Phase Reflow Temperature
(Option #300) .......................................... see Fig. 1, Thermal Profile


同様の部品番号 - HCPL-2300-060

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

同様の説明 - HCPL-2300-060

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com