データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H350 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H350
部品情報  PECL* to TTL Translator(5 Vdc Power Supply Only)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350 データシート(HTML) 1 Page - ON Semiconductor

  MC10H350 Datasheet HTML 1Page - ON Semiconductor MC10H350 Datasheet HTML 2Page - ON Semiconductor MC10H350 Datasheet HTML 3Page - ON Semiconductor MC10H350 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–57
REV 6
© Motorola, Inc. 1996
9/96
PECL* to TTL Translator
(+5 Vdc Power Supply Only)
The MC10H350 is a member of Motorola’s 10H family of high performance
ECL logic. It consists of 4 translators with differential inputs and TTL outputs.
The 3–state outputs can be disabled by applying a HIGH TTL logic level on the
common OE input.
The MC10H350 is designed to be used primarily in systems incorporating
both ECL and TTL logic operating off a common power supply. The separate
VCC power pins are not connected internally and thus isolate the noisy TTL VCC
runs from the relatively quiet ECL VCC runs on the printed circuit board. The
differential inputs allow the H350 to be used as an inverting or noninverting
translator, or a differential line receiver. The H350 can also drive CMOS with the
addition of a pullup resistor.
• Propagation Delay, 3.5 ns Typical
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VEE = Gnd)
VCC
7.0
Vdc
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ±5%) (See Note 1)
TA = 0°C to 75°C
Characteristic
Symbol
Min
Max
Unit
Power Supply Current
TTL
ECL
ICC
20
12
mA
Input Current High
Pin 9
Others
IIH
IINH
20
50
µA
Input Current Low
Pin 9
Others
IIL
IINL
–0.6
50
mA
µA
Input Voltage High
Pin 9
VIH
2.0
Vdc
Input Voltage Low
Pin 9
VIL
0.8
Vdc
Differential Input Voltage (1)
Pins 3–6, 11–14 (1)
VDIFF
350
mV
Voltage Common Mode
Pins 3–6, 11–14
VCM
2.8
VCC
Vdc
Output Voltage High
IOH = 3.0 mA
VOH
2.7
Vdc
Output Voltage Low
IOL = 20 mA
VOL
0.5
Vdc
Short Circuit Current
VOUT = 0 V
IOS
–60
–150
mA
Output Disable Current High
VOUT = 2.7 V
IOZH
50
µA
Output Disable Current Low
VOUT = 0.5 V
IOZL
–50
µA
(1) Common mode input voltage to pins 3–4, 5–6, 11–12, 13–14 must be between the values of 2.8
V and 5.0 V. This common mode input voltage range includes the differential input swing.
(2) For single ended use, apply 3.75 V (VBB) to either input depending on output polarity required.
Signal level range to other input is 3.3 V to 4.2 V.
(3) Any unused gates should have the inverting inputs tied to VCC and the non–inverting inputs tied
to ground to prevent output glitching.
(4) 1.0 V to 2.0 V w/50 pF into 500 ohms.
*Positive Emitter Coupled Logic
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
ECL VCC
AOUT
AIN
AIN
BIN
BIN
BOUT
GND
TTL VCC
COUT
CIN
CIN
DIN
DIN
DOUT
OE
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC (+5.0 VDC) = PINS 1 AND 16
GND = PIN 8
15
14
13
10
12
11
7
6
5
2
4
3
9
MC10H350
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


同様の部品番号 - MC10H350

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350 ONSEMI-MC10H350 Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350FN ONSEMI-MC10H350FN Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
More results

同様の説明 - MC10H350

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com