データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX85C82RL2 データシート(PDF) 6 Page - ON Semiconductor

部品番号 BZX85C82RL2
部品情報  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX85C82RL2 データシート(HTML) 6 Page - ON Semiconductor

  BZX85C82RL2 Datasheet HTML 1Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 2Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 3Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 4Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 5Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 6Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 7Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BZX85C3V3RL Series
http://onsemi.com
6
VF, FORWARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MAXIMUM
150°C
75°C
0°C
25°C
Figure 6. Effect of Zener Current
on Zener Impedance
Figure 7. Effect of Zener Voltage
on Zener Impedance
Figure 8. Typical Leakage Current
1000
500
200
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50 100
IZ, ZENER CURRENT (mA)
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
100
VZ, ZENER VOLTAGE (V)
35
7
10
20
30
50 70
10000
7000
5000
2000
1000
700
500
200
100
70
50
20
10
7
5
2
1
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
0.007
0.005
0.002
0.001
3
456
78
9
10
11
12
13
14 15
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
+25°C
+125°C
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
6.2 V
27 V
VZ = 2.7 V
47 V
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
20 mA
5 mA
IZ = 1 mA
0 V BIAS
1 V BIAS
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50% OF BREAKDOWN BIAS
MINIMUM
Figure 9. Typical Capacitance versus VZ
Figure 10. Typical Forward Characteristics


同様の部品番号 - BZX85C82RL2

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
BZX85C82 EIC-BZX85C82 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX85C82 VISHAY-BZX85C82 Datasheet
103Kb / 6P
   Zener Diodes
Rev. 2.2, 02-Jun-14
logo
GOOD-ARK Electronics
BZX85C82 GOOD-ARK-BZX85C82 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX85C82 SUNMATE-BZX85C82 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C82 TSC-BZX85C82 Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
More results

同様の説明 - BZX85C82RL2

メーカー部品番号データシート部品情報
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com