データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H640 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100H640
部品情報  PECL-TTL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H640 データシート(HTML) 4 Page - ON Semiconductor

  MC100H640 Datasheet HTML 1Page - ON Semiconductor MC100H640 Datasheet HTML 2Page - ON Semiconductor MC100H640 Datasheet HTML 3Page - ON Semiconductor MC100H640 Datasheet HTML 4Page - ON Semiconductor MC100H640 Datasheet HTML 5Page - ON Semiconductor MC100H640 Datasheet HTML 6Page - ON Semiconductor MC100H640 Datasheet HTML 7Page - ON Semiconductor MC100H640 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10H640 MC100H640
MOTOROLA
MECL Data
DL122 — Rev 6
2–4
10H PECL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
175
0.5
175
µA
VIH*
VIL*
Input HIGH Voltage
Input LOW Voltage
3.83
3.05
4.16
3.52
3.87
3.05
4.19
3.52
3.94
3.05
4.28
3.555
V
VE = 5.0V
VBB*
Output Reference Voltage
3.62
3.73
3.65
3.75
3.69
3.81
V
*NOTE: PECL levels are referenced to VCC and will vary 1:1 with the power supply. The values shown are for VCC = 5.0V.
100H PECL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
175
0.5
175
µA
VIH*
VIL*
Input HIGH Voltage
Input LOW Voltage
3.835
3.19
4.12
3.525
3.835
3.19
4.12
3.525
3.835
3.19
4.12
3.525
V
VE = 5.0V
VBB*
Output Reference Voltage
3.62
3.74
3.62
3.74
3.62
3.74
V
*NOTE: PECL levels are referenced to VCC and will vary 1:1 with the power supply. The values shown are for VCC = 5.0V.
10/100H640
DUTY CYCLE CONTROL
To maintain a duty cycle of
±5% at 50MHz, limit the load capacitance and/or power supply variation as shown in Figures 1 and 2.
For a
±2.5% duty cycle limit, see Figures 3 and 4. Figures 5 and 6 show duty cycle variation with temperature. Figure 7 shows typical
TPD versus load. Figure 8 shows reset recovery time. Figure 9 shows output states after power up.
Best duty cycle control is obtained with a single
µP load and minimum line length.


同様の部品番号 - MC100H640

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H640 ONSEMI-MC100H640 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FN ONSEMI-MC100H640FN Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FNG ONSEMI-MC100H640FNG Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FNR2 ONSEMI-MC100H640FNR2 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FNR2G ONSEMI-MC100H640FNR2G Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results

同様の説明 - MC100H640

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com